Electronic Components Datasheet Search
  English  ▼

X  

SIRA02DP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIRA02DP
Description  N-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRA02DP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIRA02DP Datasheet HTML 5Page - Vishay Siliconix SIRA02DP Datasheet HTML 6Page - Vishay Siliconix SIRA02DP Datasheet HTML 7Page - Vishay Siliconix SIRA02DP Datasheet HTML 8Page - Vishay Siliconix SIRA02DP Datasheet HTML 9Page - Vishay Siliconix SIRA02DP Datasheet HTML 10Page - Vishay Siliconix SIRA02DP Datasheet HTML 11Page - Vishay Siliconix SIRA02DP Datasheet HTML 12Page - Vishay Siliconix SIRA02DP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.vishay.com
2
Document Number 71622
28-Feb-06
Vishay Siliconix
AN821
PowerPAK SO-8 DUAL
The pin arrangement (drain, source, gate pins) and the
pin dimensions of the PowerPAK SO-8 dual are the
same as standard SO-8 dual devices. Therefore, the
PowerPAK device connection pads match directly to
those of the SO-8. As in the single-channel package,
the only exception is the extended drain connection
area. Manufacturers can likewise take immediate
advantage of the PowerPAK SO-8 dual devices by
mounting them to existing SO-8 dual land patterns.
To take the advantage of the dual PowerPAK SO-8’s
thermal performance, the minimum recommended
land pattern can be found in Application Note 826,
Recommended Minimum Pad Patterns With Outline
Drawing Access for Vishay Siliconix MOSFETs. Click
on the PowerPAK 1212-8 dual in the index of this doc-
ument.
The gap between the two drain pads is 24 mils. This
matches the spacing of the two drain pads on the Pow-
erPAK SO-8 dual package.
REFLOW SOLDERING
Vishay Siliconix surface-mount packages meet solder
reflow reliability requirements. Devices are subjected
to solder reflow as a test preconditioning and are then
reliability-tested using temperature cycle, bias humid-
ity, HAST, or pressure pot. The solder reflow tempera-
ture profile used, and the temperatures and time
duration, are shown in Figures 3 and 4.
For the lead (Pb)-free solder profile, see http://
www.vishay.com/doc?73257.
Ramp-Up Rate
+ 6
°C /Second Maximum
Temperature at 155 ± 15
°C
120 Seconds Maximum
Temperature Above 180
°C
70 - 180 Seconds
Maximum Temperature
240 + 5/- 0
°C
Time at Maximum Temperature
20 - 40 Seconds
Ramp-Down Rate
+ 6
°C/Second Maximum
Figure 3. Solder Reflow Temperature Profile
Figure 3. Solder Reflow Temperatures and Time Durations
210 - 220 °C
3 °C(max)
4 °C/s (max)
10 s (max)
183 °C
50 s (max)
Reflow Zone
60 s (min)
Pre-Heating Zone
3 °C(max)
140 - 170 °C
Maximum peak temperature at 240 °C is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com