Electronic Components Datasheet Search
  English  ▼

X  

74F132SC Datasheet(PDF) 5 Page - Texas Instruments

Part # 74F132SC
Description  Quad 2-Input NAND Schmitt Trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74F132SC Datasheet(HTML) 5 Page - Texas Instruments

  74F132SC Datasheet HTML 1Page - Texas Instruments 74F132SC Datasheet HTML 2Page - Texas Instruments 74F132SC Datasheet HTML 3Page - Texas Instruments 74F132SC Datasheet HTML 4Page - Texas Instruments 74F132SC Datasheet HTML 5Page - Texas Instruments 74F132SC Datasheet HTML 6Page - Texas Instruments 74F132SC Datasheet HTML 7Page - Texas Instruments 74F132SC Datasheet HTML 8Page - Texas Instruments 74F132SC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
See Section 0 for Waveforms and Load Configurations
74F
54F
74F
T
A = +25˚C
T
A,VCC = Mil
T
A,VCC = Com
Fig.
Symbol
Parameter
V
CC = +5.0V
C
L = 50 pF
C
L = 50 pF
Units
No.
C
L = 50 pF
Min
Typ
Max
Min
Max
Min
Max
t
PLH
Propagation Delay
4.0
10.5
2.0
13.0
3.5
12.0
ns
kk-kk
t
PHL
A
n,Bn to On
5.0
12.5
4.5
16.0
5.0
13.0
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are de-
fined as follows:
DS009477-5
PrintDate=1997/08/28 PrintTime=12:25:40 10193 ds009477 Rev. No. 1
cmserv
Proof
4
Book
Extract
End
DSXXX
DSXXX
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com