Electronic Components Datasheet Search
  English  ▼

X  

74AC11643DBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AC11643DBLE
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11643DBLE Datasheet(HTML) 1 Page - Texas Instruments

  74AC11643DBLE Datasheet HTML 1Page - Texas Instruments 74AC11643DBLE Datasheet HTML 2Page - Texas Instruments 74AC11643DBLE Datasheet HTML 3Page - Texas Instruments 74AC11643DBLE Datasheet HTML 4Page - Texas Instruments 74AC11643DBLE Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74AC11643
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS057A − JULY 1987 − REVISED APRIL 1993
Copyright
1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Bidirectional Bus Transceivers in
High-Density 24-Pin Packages
• Flow-Through Architecture Optimizes PCB
Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
• 500-mA Typical Latch-Up Immunity at
125
°C
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
These octal bus transceivers are designed for asynchronous communication between data buses. These
devices transmit data from the A bus to the B bus or from the B bus to the A bus depending upon the level at
the direction-control (DIR) input. The output-enable (OE) input can be used to disable the device so that the
buses are effectively isolated.
The 74AC11643 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
HA data to B bus
H
X
Isolation
logic symbol†
logic diagram (positive logic)
1
2
A1
B1
3 EN1 [BA]
24
DIR
3 EN2 [AB]
1
A1
2
A2
B1
23
3
A3
4
A4
9
A5
10
A6
11
A7
12
A8
B2
22
B3
21
B5
17
B4
20
B6
16
B8
14
B7
15
OE
1
13
24
23
1
G3
13
OE
DIR
1
To 7 Other Channels
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
DIR
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
OE
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74AC11643DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11640 TI-74AC11640 Datasheet
93Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI1-74AC11646 Datasheet
136Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646DW TI-74AC11646DW Datasheet
121Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646DW TI1-74AC11646DW Datasheet
136Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11643DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LV245AT TI-SN74LV245AT Datasheet
472Kb / 19P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com