Electronic Components Datasheet Search
  English  ▼

X  

BAV70DV Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV70DV
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV70DV Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV70DV Datasheet HTML 1Page - Diodes Incorporated BAV70DV Datasheet HTML 2Page - Diodes Incorporated BAV70DV Datasheet HTML 3Page - Diodes Incorporated BAV70DV Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV70DV
Document number: DS35311 Rev. 4 - 2
1 of 4
www.diodes.com
January 2012
© Diodes Incorporated
BAV70DV
SURFACE MOUNT SWITCHING DIODE ARRAY
Features
•
Fast Switching Speed
•
Ultra-Small Surface Mount Package
•
For General Purpose Switching Applications
•
Two “BAV70” Circuits In One Package
•
Lead Free/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT563
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Copper Alloy
leadframe (Lead Free Plating). Solderable per MIL-STD-202,
Method 208
•
Orientation: See Diagram
•
Weight: 0.003 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAV70DV-7
SOT563
3000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT563
Top View
Internal Schematic
C
1
A
1
A
1
A
2
A
2
C
2
BXA = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
BXA YM
Top View
Bottom View


Similar Part No. - BAV70DV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
More results

Similar Description - BAV70DV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW_08 Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAV99BRLP DIODES-BAV99BRLP Datasheet
84Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 4
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
BAS16VV DIODES-BAS16VV Datasheet
598Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
February 2023 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com