Electronic Components Datasheet Search
  English  ▼

X  

74ACT11258 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11258
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11258 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11258 Datasheet HTML 1Page - Texas Instruments 74ACT11258 Datasheet HTML 2Page - Texas Instruments 74ACT11258 Datasheet HTML 3Page - Texas Instruments 74ACT11258 Datasheet HTML 4Page - Texas Instruments 74ACT11258 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
74ACT11258
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
WITH 3STATE OUTPUTS
SCAS056A − D3278, JANUARY 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
• Inputs Are TTL-Voltage Compatible
• 3-State Outputs Interface Directly With
System Bus
• Flow-Through Architecture to Optimize
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity at 125°C
• Provides Bus Interface from Multiple
Sources in High-Performance Systems
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The 74ACT11258 is designed to multiplex signals from 4-bit data sources to 4-output data lines in bus-organized
systems. The 3-state outputs will not load the data lines when the output control pin (G) is at a high logic level.
The 74ACT11258 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
CONTROL
SELECT
DATA
OUTPUT
Y
CONTROL
G
SELECT
A /B
A
B
Y
H
X
X
X
Z
L
L
L
XH
L
L
H
XL
L
H
X
LH
L
H
X
H
L
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A/B
1Y
2Y
GND
GND
GND
GND
3Y
4Y
G
1A
1B
2A
2B
VCC
VCC
3A
3B
4A
4B
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74ACT11258

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11251 PHILIPS-74ACT11251 Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
74ACT11251D PHILIPS-74ACT11251D Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
74ACT11251N PHILIPS-74ACT11251N Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
logo
Texas Instruments
74ACT11253 TI-74ACT11253 Datasheet
77Kb / 5P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11253 TI1-74ACT11253 Datasheet
90Kb / 5P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11257 TI-74AC11257 Datasheet
301Kb / 12P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI-74ACT11257 Datasheet
99Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A TI-SN74LVC257A Datasheet
125Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74ACT11257 TI1-74ACT11257_09 Datasheet
425Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
APRIL 1996
74AC11258 TI1-74AC11258 Datasheet
100Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-EP TI1-SN74LVC257A-EP Datasheet
527Kb / 12P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC257A-Q1 TI1-SN74LVC257A-Q1 Datasheet
224Kb / 11P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11257 TI1-74AC11257_16 Datasheet
1Mb / 16P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11258 TI1-74AC11258_09 Datasheet
100Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com