Electronic Components Datasheet Search
  English  ▼

X  

74ACT11241DW Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11241DW
Description  OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11241DW Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11241DW Datasheet HTML 1Page - Texas Instruments 74ACT11241DW Datasheet HTML 2Page - Texas Instruments 74ACT11241DW Datasheet HTML 3Page - Texas Instruments 74ACT11241DW Datasheet HTML 4Page - Texas Instruments 74ACT11241DW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11241, 74ACT11241
OCTAL BUFFERS/LINE DRIVERS
WITH 3STATE OUTPUTS
SCAS011B − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
• 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
• Inputs Are TTL-Voltage Compatible
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity at 125°C
• Package Options Include Plastic Small-
Outline Packages, Plastic Shrink
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These octal buffers or line drivers are designed
specifically to improve both the performance and
density of three-state memory address drivers,
clock drivers, and bus-oriented receivers and
transmitters. Taken together with the ACT11240
and ACT11244, these devices provide the choice
of
selected
combinations
of
inverting
and
noninverting outputs, symmetrical G (active-low
output control) inputs, and complementary G and
G inputs. These devices feature high fan-out.
The 54ACT11241 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74ACT11241 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
OUTPUT
CONTROL
DATA
INPUT
OUTPUT
OUTPUT
CONTROL
DATA
INPUT
OUTPUT
CONTROL
1G
INPUT
1A
OUTPUT
1Y
CONTROL
2G
INPUT
2A
OUTPUT
2Y
H
X
Z
L
X
Z
L
L
L
H
L
L
L
H
H
H
H
H
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Y1
1Y2
1Y3
1Y4
GND
GND
GND
GND
2Y1
2Y2
2Y3
2Y4
1G
1A1
1A2
1A3
1A4
VCC
VCC
2A1
2A2
2A3
2A4
2G
54ACT11241 . . . JT PACKAGE
74ACT11241 ...DB, DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
1A2
1A1
1G
NC
1Y1
1Y2
1Y3
4
15 16 17 18
54ACT11241 . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC − No internal connection
2A3
2A4
2G
NC
2Y4
2Y3
2Y2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11241DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11240 TI-74ACT11240 Datasheet
85Kb / 5P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
74ACT11240 TI-74ACT11240 Datasheet
548Kb / 12P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
74ACT11240 TI2-74ACT11240 Datasheet
210Kb / 8P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11240DB TI-74ACT11240DB Datasheet
85Kb / 5P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
74ACT11240DBLE TI-74ACT11240DBLE Datasheet
548Kb / 12P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11241DW

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74BC244A RENESAS-HD74BC244A Datasheet
120Kb / 9P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com