Electronic Components Datasheet Search
  English  ▼

X  

74ACT11280DR Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11280DR
Description  9-BIT PARITY GENERATORS/CHECKERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11280DR Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11280DR Datasheet HTML 1Page - Texas Instruments 74ACT11280DR Datasheet HTML 2Page - Texas Instruments 74ACT11280DR Datasheet HTML 3Page - Texas Instruments 74ACT11280DR Datasheet HTML 4Page - Texas Instruments 74ACT11280DR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11280, 74ACT11280
9BIT PARITY GENERATORS/CHECKERS
SCAS046A − D3148, AUGUST 1988 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
• Inputs Are TTL-Voltage Compatible
• Generates Either Odd or Even Parity for
Nine Data Lines
• Cascadable for n-Bits Parity
• Flow-Through Architecture Optimizes
PCB Layout
• Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity
at 125
°C
• Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These
universal,
monolithic,
9-bit
parity
generators/checkers
feature
odd
and
even
outputs to facilitate operation of either an odd or
even
parity
application.
The
word-length
capability is easily expanded by cascading.
The 54ACT11280 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74ACT11280 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
NUMBER OF INPUTS
A THRU I
OUTPUTS
A THRU I
THAT ARE HIGH
S EVEN
S ODD
0, 2, 4, 6, 8
H
L
1, 3, 5, 7, 9
L
H
1
2
3
4
5
6
7
14
13
12
11
10
9
8
B
A
Σ ODD
GND
Σ EVEN
NC
I
C
D
E
VCC
F
G
H
54ACT11280 ...J PACKAGE
74ACT11280 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
G
NC
H
NC
I
C
NC
B
NC
A
54ACT11280 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
2k
I
H
G
F
E
D
C
B
A
7
8
9
10
12
13
14
1
2
Σ ODD
Σ EVEN
3
5
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11280DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11286 TI-74ACT11286 Datasheet
99Kb / 6P
9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
logo
NXP Semiconductors
74ACT11286 PHILIPS-74ACT11286 Datasheet
181Kb / 7P
9-bit odd/even parity generator/checker with bus drive l/O port
October 17 1990
logo
Texas Instruments
74ACT11286 TI2-74ACT11286 Datasheet
363Kb / 11P
9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
REVISED APRIL 1996
74ACT11286D TI-74ACT11286D Datasheet
99Kb / 6P
9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
logo
NXP Semiconductors
74ACT11286D PHILIPS-74ACT11286D Datasheet
181Kb / 7P
9-bit odd/even parity generator/checker with bus drive l/O port
October 17 1990
More results

Similar Description - 74ACT11280DR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
9-BIT PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN74ALS280 TI-SN74ALS280 Datasheet
114Kb / 12P
9-BIT PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com