Electronic Components Datasheet Search
  English  ▼

X  

74ACT11352DR Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11352DR
Description  DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11352DR Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11352DR Datasheet HTML 1Page - Texas Instruments 74ACT11352DR Datasheet HTML 2Page - Texas Instruments 74ACT11352DR Datasheet HTML 3Page - Texas Instruments 74ACT11352DR Datasheet HTML 4Page - Texas Instruments 74ACT11352DR Datasheet HTML 5Page - Texas Instruments 74ACT11352DR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74ACT11352
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SCAS168 − DECEMBER 1991 − REVISED APRIL 1993
Copyright
1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Inputs Are TTL-Voltage Compatible
• Permit Multiplexing From N Lines to 1 Line
• Perform Parallel-to-Serial Conversion
• Strobe Line Provided for Cascading
(N Lines to N Lines)
• Flow-Through Architecture Optimizes PCB
Layout
• Center-Pin V
CC and GND Pin Configurations
Minimize High-Speed Switching Noise
• EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
• 500-mA Typical Latch-Up Immunity at 125°C
• Package Options Include Plastic
Small-Outline Packages, and Standard
Plastic 300-mil DIPs
description
Each of these data selectors/multiplexers contains inverters and drivers to supply full binary-decoding data
selection to the AND-OR gates. Separate strobe output-enable (OE) inputs are provided for each of the two
four-line sections.
The 74ACT11352 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
(each multiplexer)
SELECT INPUTS
DATA INPUTS
STROBE
OUTPUT
B
A
C0
C1
C2
C3
STROBE
OE
OUTPUT
Y
X
X
X
X
X
X
H
H
L
LL
XX
X
L
H
L
LH
XX
X
L
L
L
HX
LX
X
L
H
L
HX
HX
X
L
L
H
LX
XLX
L
H
H
LX
XH
X
L
L
H
HX
XX
L
L
H
H
H
X
X
X
H
L
L
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
1Y
GND
2Y
1OE
2OE
2C3
1C0
1C1
1C2
1C3
VCC
2C0
2C1
2C2
D OR N PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT11352DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11353 TI1-74ACT11353 Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353D TI1-74ACT11353D Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353DR TI1-74ACT11353DR Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
74ACT11353N TI1-74ACT11353N Datasheet
104Kb / 7P
DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11352DR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS253 FAIRCHILD-DM74ALS253 Datasheet
54Kb / 5P
3-STATE Dual 1-of-4 Line Data Selector/Multiplexer
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
Dual 1-of-4 Line Data Selector/Multiplexer
DM74S253 FAIRCHILD-DM74S253 Datasheet
49Kb / 4P
Dual 3-STATE 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com