Electronic Components Datasheet Search
  English  ▼

X  

SL74HC4046N Datasheet(PDF) 10 Page - System Logic Semiconductor

Part # SL74HC4046N
Description  Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HC4046N Datasheet(HTML) 10 Page - System Logic Semiconductor

Back Button SL74HC4046N Datasheet HTML 4Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 5Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 6Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 7Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 8Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 9Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 10Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 11Page - System Logic Semiconductor SL74HC4046N Datasheet HTML 12Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TECHNICAL DATA
489
Phase Comparator 2
This detector is a digital memory network. It
consists of four flip-flops and some gating logic, a
three state output and a phase pulse output as shown
in Figure 6. This comparator acts only on the positive
edges of the input signals and is independent of duty
cycle.
Phase comparator 2 operates in such a way as
to force the PLL into lock with 0 phase difference
between the VCO output and the signal input positive
waveform edges. Figure 8 shows some typical loop
waveforms. First assume that SIGIN is leading the
COMPIN. This means that the VCO’s frequency must
be increased to b ring its leding edge into proper phase
alignment. Thus the phase detector 2 output is set
high. This will cause the loop filter to charge up the
VCO input, increasing the VCO frequency. Once the
leading edge of the COMPIN is detected, the output
goes TRI-STATE holding the VCO input at the loop
filter voltage. If the VCO still lags the SIGIN then the
phase detector will again charge up the VCO input for
the time between the leading edges of both waveforms.
If the VCO leads the SIGIN then when the
leading edge of the VCO is seen; the output of the
phase comparator goes low. This discharges the loop
filter until the leading edge of the SIGIN is detected at
which time the output disables itself again. This has
the effect of slowing down the VCO to again make the
rising edges of both waveforms coincidental.
When the PLL is out of lock, the VCO will be
running either slower or faster than the SIGIN. If it is
running slower the phase detector will see more SIGIN
rising edges and so the output of the phase
comparator will be high a majority of the time, raising
the VCO’s frequency. Conversely, if the VCO is
running faster than the SIGIN, the output of the
detector will be low most of the time and the VCO’s
output frequency will be decreased.
As one can see, when the PLL is locked, the
output of phase comparator 2 will be disabled except
for minor corrections at the leading edge of the
waveforms. When PC2 is TRI-STATED, the PCP
output is high. This output can be used to determine
when the PLL is in the locked condition.
This
detector
has
several
interesting
characteristics. Over the entire VCO frequency range
there is no phase difference between the COMPIN and
the SIGIN. The lock range of the PLL is the same as the
capture range. Minimal power was consumed in the
loop filter since in lock the detector output is a high
impedance. When no SIGIN is present, the detector will
see only VCO leading edges, so the comparator output
will stay low, forcing the VCO to fmin.
Phase comparator 2 is more susceptible to noise,
causing the PLL to unlock. If a noise pulse is seen on
the SIGIN, the comparator treats it as another positive
edge of the SIGIN and will cause the output to go high
until the VCO leding edge is see, potentially for an
entire SIGIN period. This would cause the VCO to
speed up during that time. When using PC1, the output
of that phase detector would be disturbed for only the
short duration of the noise spike and would cause less
upset.
Phase Comparator 3
This
is
positive
edge-triggered sequential
phase detector using an RS flip-flop as shown in
Figure 6. When the PLL is using this comparator, the
loop is controlled by positive signal transitions and
the duty factors of SIGIN and COMPIN are not
important. It has some similar characteristics to the
edge sensitive comparator. To see how this detector
works, assume input pulses are applied to the SIGNIN
and COMPIN’s as shown in Figure 9. When the SIGNIN
leads the COMPIN, the flop is set. This will charge the
loop filter and cause the VCO to speed up, bringing the
comparator into phase with the SIGIN. The phase angle
between SIGIN and COMPIN varies from 0
° to 360° and
is 180
° at f
o. The voltage swing for PC3 is greater than
for PC2 but consequently has more ripple in the signal
to the VCO .When no SIGIN is present the VCO will be
forced to fmax as opposed to fmin when PC2 is used.
The operating characteristics of all three phase
comparators
tors
should
be
compared
to
the
requirement of the system design and the appropriate
one should be used.
Figure 8. Typical Waveforms for PLL Using
Phase Comparator 2
Figure 9. Typical Waveforms for PLL Using
Phase Comparator 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com