Electronic Components Datasheet Search
  English  ▼

X  

74ACT11533 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT11533
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11533 Datasheet(HTML) 5 Page - Texas Instruments

  74ACT11533 Datasheet HTML 1Page - Texas Instruments 74ACT11533 Datasheet HTML 2Page - Texas Instruments 74ACT11533 Datasheet HTML 3Page - Texas Instruments 74ACT11533 Datasheet HTML 4Page - Texas Instruments 74ACT11533 Datasheet HTML 5Page - Texas Instruments 74ACT11533 Datasheet HTML 6Page - Texas Instruments 74ACT11533 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
54ACT11533, 74ACT11533
OCTAL DTYPE TRANSPARENT LATCHES
WITH 3STATE OUTPUTS
SCAS017A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2−5
PARAMETER MEASUREMENT INFORMATION
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
Timing Input
(see Note B)
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
Ω
500
Ω
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
[ VCC
0 V
50% VCC
20% VCC
50% VCC
80% VCC
[ 0 V
3 V
GND
Open
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
3 V
0 V
1.5 V
1.5 V
tw
VOLTAGE WAVEFORMS
Input
VOLTAGE WAVEFORMS
Input
(see Note B)
1.5 V
1.5 V
50% VCC
50% VCC
tPHL
tPLH
3 V
Output
VOL
VOH
0 V
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com