Electronic Components Datasheet Search
  English  ▼

X  

74ACT11544 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11544
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11544 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11544 Datasheet HTML 1Page - Texas Instruments 74ACT11544 Datasheet HTML 2Page - Texas Instruments 74ACT11544 Datasheet HTML 3Page - Texas Instruments 74ACT11544 Datasheet HTML 4Page - Texas Instruments 74ACT11544 Datasheet HTML 5Page - Texas Instruments 74ACT11544 Datasheet HTML 6Page - Texas Instruments 74ACT11544 Datasheet HTML 7Page - Texas Instruments 74ACT11544 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74ACT11544
OCTAL REGISTERED TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS133 − D3609, JULY 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2−4
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
2.4
5.7
8.2
2.4
8.9
ns
tPHL
A or B
B or A
4.1
7.3
9.3
4.1
10.3
ns
tPLH
LEBA or LEAB
A or B
2.6
6
8.7
2.6
9.5
ns
tPHL
LEBA or LEAB
A or B
3.4
7.1
10.1
3.4
11
ns
tPZH
CEBA or CEAB
A or B
3.3
6.7
9.5
3.3
10.4
ns
tPZL
CEBA or CEAB
A or B
3.6
8.2
11.2
3.6
13
ns
tPHZ
CEBA or CEAB
A or B
4.8
7.6
9.7
4.8
10.4
ns
tPLZ
CEBA or CEAB
A or B
4.7
7.6
9.5
4.7
10.2
ns
tPZH
GBA or GAB
A or B
3
6.4
9
3
9.9
ns
tPZL
GBA or GAB
A or B
3.5
7.8
10.8
3.5
12.5
ns
tPHZ
GBA or GAB
A or B
4.6
7.3
9.3
4.6
9.9
ns
tPLZ
GBA or GAB
A or B
4.6
7.2
9.2
4.6
9.7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
47
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
14
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com