Electronic Components Datasheet Search
  English  ▼

X  

74ACT11623 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 74ACT11623
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11623 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11623 Datasheet HTML 1Page - Texas Instruments 74ACT11623 Datasheet HTML 2Page - Texas Instruments 74ACT11623 Datasheet HTML 3Page - Texas Instruments 74ACT11623 Datasheet HTML 4Page - Texas Instruments 74ACT11623 Datasheet HTML 5Page - Texas Instruments 74ACT11623 Datasheet HTML 6Page - Texas Instruments 74ACT11623 Datasheet HTML 7Page - Texas Instruments 74ACT11623 Datasheet HTML 8Page - Texas Instruments 74ACT11623 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74ACT11623
OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS059A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2−4
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1.5
6
7.5
1.5
8.5
ns
tPHL
A or B
B or A
1.5
5.5
7.2
1.5
7.9
ns
tPZH
GBA
A
1.5
6.9
8.6
1.5
9.7
ns
tPZL
GBA
A
1.5
6.9
9
1.5
10
ns
tPHZ
GBA
A
1.5
8.1
10
1.5
10.9
ns
tPLZ
GBA
A
1.5
8.5
10.5
1.5
11.5
ns
tPZH
GAB
B
1.5
7.7
9.3
1.5
10.7
ns
tPZL
GAB
B
1.5
7.7
9.7
1.5
10.9
ns
tPHZ
GAB
B
1.5
7.1
8.8
1.5
9.5
ns
tPLZ
GAB
B
1.5
7.3
9.2
1.5
10
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
41
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com