Electronic Components Datasheet Search
  English  ▼

X  

74ACT11640 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11640
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11640 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11640 Datasheet HTML 1Page - Texas Instruments 74ACT11640 Datasheet HTML 2Page - Texas Instruments 74ACT11640 Datasheet HTML 3Page - Texas Instruments 74ACT11640 Datasheet HTML 4Page - Texas Instruments 74ACT11640 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54ACT11640, 74ACT11640
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCAS027A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
• Bidirectional Bus Transceivers in
High-Density 24-Pin Packages
• Inputs Are TTL-Voltage Compatible
• Flow-Through Architecture to Optimize
PCB Layout
• Center-Pin V
CC and GND Configurations to
Minimize High-Speed Switching Noise
• EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
• 500-mA Typical Latch-Up Immunity
at 125
°C
• Package Options Include Plastic Small-
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
description
These octal bus transceivers are designed for
asynchronous two-way communication between
data buses. These devices transmit data from the
A bus to the B bus or from the B bus to the A bus
depending upon the level at the direction control
(DIR) input. The enable input G is used to disable
the device so the buses are effectively isolated.
The 54ACT11640 is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The 74ACT11640 is characterized for
operation from − 40
°C to 85°C.
FUNCTION TABLE
CONTROL
INPUTS
OPERATION
G
DIR
OPERATION
L
L
H
L
H
X
B data to A bus
A data to B bus
Isolation
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
DIR
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
G
54ACT11640 . . . JT PACKAGE
74ACT11640 . . . DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
B7
B8
G
NC
A8
A7
A6
B2
B1
DIR
NC
A1
A2
A3
4
15 16 17 18
54ACT11640 . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - 74ACT11640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11643 TI1-74ACT11643 Datasheet
96Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11643 TI1-74ACT11643 Datasheet
95Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11643NT TI1-74ACT11643NT Datasheet
96Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11643NT TI1-74ACT11643NT Datasheet
95Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11643 TI1-74ACT11643_10 Datasheet
95Kb / 6P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11640

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
Octal Bus Transceivers With 3 State Outputs
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54BCT25245 TI-SN54BCT25245_08 Datasheet
100Kb / 5P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HC640 RENESAS-HD74HC640 Datasheet
139Kb / 11P
Octal Bus Transceivers (with 3-state outputs)
HD74HC245 RENESAS-HD74HC245_1 Datasheet
108Kb / 8P
Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ABT620 TI-SN54ABT620_08 Datasheet
315Kb / 11P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74HC640 UTC-U74HC640 Datasheet
208Kb / 7P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com