Electronic Components Datasheet Search
  English  ▼

X  

74ACT11648 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ACT11648
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11648 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74ACT11648 Datasheet HTML 2Page - Texas Instruments 74ACT11648 Datasheet HTML 3Page - Texas Instruments 74ACT11648 Datasheet HTML 4Page - Texas Instruments 74ACT11648 Datasheet HTML 5Page - Texas Instruments 74ACT11648 Datasheet HTML 6Page - Texas Instruments 74ACT11648 Datasheet HTML 7Page - Texas Instruments 74ACT11648 Datasheet HTML 8Page - Texas Instruments 74ACT11648 Datasheet HTML 9Page - Texas Instruments 74ACT11648 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74ACT11648
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS115 − D3458, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2−6
switching characteristics over recommended ranges of supply voltage operating free-air
temperature (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
75
75
MHz
tPLH
A or B
B or A
2.4
6.5
9.5
2.4
10.7
ns
tPHL
A or B
B or A
4.4
8.5
11.3
4.4
12.7
ns
tPZH
G
A or B
4.2
9.2
13
4.2
14.6
ns
tPZL
G
A or B
4.3
9.8
13.9
4.3
15.6
ns
tPHZ
G
A or B
5.7
8.7
11.3
5.7
12.2
ns
tPLZ
G
A or B
5.3
8.1
10.5
5.3
11.4
ns
tPLH
CBA or CAB
A or B
5.2
9.4
12
5.2
13.7
ns
tPHL
CBA or CAB
A or B
6
10.5
13.5
6
15.2
ns
tPLH
SAB or SBA†
A or B
4.7
8.6
11.3
4.7
12.9
ns
tPHL
SAB or SBA†
(with A or B high)
A or B
3.8
8.6
12
3.8
13.4
ns
tPLH
SBA or SAB†
A or B
2.6
7.1
10.2
2.6
11.5
ns
tPHL
SBA or SAB†
(with A or B low)
A or B
5.4
9.7
12.6
5.4
14.1
ns
tPZH
DIR
A or B
3.9
9.8
14.9
3.9
16.9
ns
tPZL
DIR
A or B
3.9
10.8
15.1
3.9
17.2
ns
tPHZ
DIR
A or B
4.5
8.2
10.6
4.5
11.5
ns
tPLZ
DIR
A or B
3.9
7.3
9.6
3.9
11.3
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceivers
Outputs enabled
CL = 50 pF,
f = 1 MHz
61
pF
Cpd
Power dissipation capacitance per transceivers
Outputs disabled
CL = 50 pF,
f = 1 MHz
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com