Electronic Components Datasheet Search
  English  ▼

X  

74ACT11656 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11656
Description  OCTAL BUFFER/LINE DRIVER WITH PARITY CHECKER/GENERATOR AND 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11656 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11656 Datasheet HTML 1Page - Texas Instruments 74ACT11656 Datasheet HTML 2Page - Texas Instruments 74ACT11656 Datasheet HTML 3Page - Texas Instruments 74ACT11656 Datasheet HTML 4Page - Texas Instruments 74ACT11656 Datasheet HTML 5Page - Texas Instruments 74ACT11656 Datasheet HTML 6Page - Texas Instruments 74ACT11656 Datasheet HTML 7Page - Texas Instruments 74ACT11656 Datasheet HTML 8Page - Texas Instruments 74ACT11656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74ACT11656
OCTAL BUFFER/LINE DRIVER
WITH PARITY CHECKER/GENERATOR AND 3STATE OUTPUTS
SCAS460A − DECEMBER 1994 − REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Inputs Are TTL-Voltage Compatible
D Combines ’244 and ’280 Functions In
One Package
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
description
The 74ACT11656 contains eight noninverting
buffers with 3-state outputs and a 9-bit parity
generator/checker. The device is intended for
bus-oriented applications.
When data is transmitted, the parity input (PI) terminal is configured as an input and combined with the A-input
data to generate a flag on either parity output (
ΣE or ΣO) terminal, depending on the number of inputs that are
high.
The output-enable (OE1, OE2, and OE3) inputs can be used to disable the device so that the buses are
effectively isolated.
The 74ACT11656 is characterized for operation from −40
°C to 85°C.
FUNCTION TABLES
INPUTS
OUTPUT
OE1
OE2
OE3
A
OUTPUT
Y
L
L
L
L
L
L
LL
H
H
H
XX
X
Z
X
HX
X
Z
X
X
H
X
Z
NO. OF INPUTS HIGH
(PI, A1−A8)
PARITY
OUTPUTS
(PI, A1−A8)
ΣE
ΣO
EVEN 0, 2, 4, 6, 8
H
L
ODD 1, 3, 5, 7, 9
L
H
Any OE = high
Z
Z
Copyright
 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Y1
Y2
Y3
Y4
Y5
GND
GND
GND
GND
Y6
Y7
Y8
ΣE
ΣO
OE1
OE2
OE3
A1
A2
A3
VCC
VCC
A4
A5
A6
A7
A8
PI
DW PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT11656

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651DW TI1-74ACT11651DW Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651NT TI1-74ACT11651NT Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652DW TI-74ACT11652DW Datasheet
147Kb / 8P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11656

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT834 PHILIPS-74ABT834 Datasheet
58Kb / 7P
Octal inverting transceiver with parity generator/checker 3-State
June 9, 1992
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com