Electronic Components Datasheet Search
  English  ▼

X  

74ACT16474 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT16474
Description  18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16474 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT16474 Datasheet HTML 1Page - Texas Instruments 74ACT16474 Datasheet HTML 2Page - Texas Instruments 74ACT16474 Datasheet HTML 3Page - Texas Instruments 74ACT16474 Datasheet HTML 4Page - Texas Instruments 74ACT16474 Datasheet HTML 5Page - Texas Instruments 74ACT16474 Datasheet HTML 6Page - Texas Instruments 74ACT16474 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54ACT16474, 74ACT16474
18BIT REGISTERED BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCAS238A − MAY 1992 − REVISED APRIL 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Members of the Texas Instruments
Widebus
 Family
D Inputs Are TTL-Voltage Compatible
D 3-State Outputs Drive Bus Lines Directly
D Flow-Through Architecture Optimizes
PCB Layout
D Distributed VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
D EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) Packages Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings
description
The ’ACT16474 are noninverting 18-bit registered
bus transceivers composed of two 9-bit sections
with separate control signals. For either 9-bit
transceiver section, data flow in the A-to-B mode
is controlled by output-enable (1OEAB or 2OEAB)
and clock (1CLKAB or 2CLKAB) inputs. When
1OEAB or 2OEAB is low, the corresponding
outputs are active (high or low) and take on either
the current data on low-to-high transition of
1CLKAB or 2CLKAB or the previously stored data
if 1CLKAB or 2CLKAB is low.
When 1OEAB or 2OEAB is high, the corresponding outputs are in the high-impedance state. 1OEAB or 2OEAB
does not affect the operation on the internal registers. Previously stored data can be retained or new data can
be entered while the outputs are in the high-impedance state.
Data flow from B to A is similar, but uses 1OEBA and/or 2OEBA and 1CLKBA and/or 2CLKBA.
The 74ACT16474 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16474 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
74ACT16474 is characterized for operation from −40
°C to 85°C.
Copyright
 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEAB
1CLKAB
1A1
GND
1A2
1A3
VCC
1A4
1A5
1A6
GND
1A7
1A8
1A9
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2A9
2CLKAB
2OEAB
1OEBA
1CLKBA
1B1
GND
1B2
1B3
VCC
1B4
1B5
1B6
GND
1B7
1B8
1B9
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2B9
2CLKBA
2OEBA
54ACT16474 . . . WD PACKAGE
74ACT16474 . . . DL PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT16474

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI1-74ACT16470 Datasheet
164Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470DL TI-74ACT16470DL Datasheet
149Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470DL TI1-74ACT16470DL Datasheet
164Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470DLR TI-74ACT16470DLR Datasheet
149Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16474

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16863 TI-SN54ABT16863 Datasheet
121Kb / 7P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863_08 Datasheet
302Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16864 TI1-74ACT16864 Datasheet
125Kb / 6P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16863 TI1-SN54ABT16863_08 Datasheet
310Kb / 9P
18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com