Electronic Components Datasheet Search
  English  ▼

X  

74ACT16648DL Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ACT16648DL
Description  16-BIT TRABSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16648DL Datasheet(HTML) 2 Page - Texas Instruments

  74ACT16648DL Datasheet HTML 1Page - Texas Instruments 74ACT16648DL Datasheet HTML 2Page - Texas Instruments 74ACT16648DL Datasheet HTML 3Page - Texas Instruments 74ACT16648DL Datasheet HTML 4Page - Texas Instruments 74ACT16648DL Datasheet HTML 5Page - Texas Instruments 74ACT16648DL Datasheet HTML 6Page - Texas Instruments 74ACT16648DL Datasheet HTML 7Page - Texas Instruments 74ACT16648DL Datasheet HTML 8Page - Texas Instruments 74ACT16648DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
54ACT16648, 74ACT16648
16BIT TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCAS188A − MAY 1991 − REVISED APRIL 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description (continued)
The 54ACT16648 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
74ACT16648 is characterized for operation from −40
°C to 85°C.
FUNCTION TABLE
(each 8-bit section)
INPUTS
DATA I/O
OPERATION OR FUNCTION
OE
DIR
CLKAB
CLKBA
SAB
SBA
A1−A8
B1−B8
OPERATION OR FUNCTION
X
X
↑
X
X
X
Input
Unspecified†
Store A, B unspecified†
X
XX
↑
X
X
Unspecified†
Input
Store B, A unspecified†
H
X
↑↑
X
X
Input
Input
Store A and B data
H
X
L
L
X
X
Input disabled
Input disabled
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
L
X
H
Output
Input
Stored B data to A bus
L
H
X
X
L
X
Input
Output
Real-time A data to B bus
L
H
L
X
H
X
Input
Output
Stored A data to B bus
† The data-output functions may be enabled or disabled by a variety of level combinations at OE and DIR. Data-input functions are always enabled;
i.e., data at the bus terminals is stored on every low-to-high transition of the clock inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com