Electronic Components Datasheet Search
  English  ▼

X  

DMP1245UFCL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP1245UFCL
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1245UFCL Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP1245UFCL Datasheet HTML 1Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 2Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 3Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 4Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 5Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 6Page - Diodes Incorporated DMP1245UFCL Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMP1245UFCL
Document number: DS35505 Rev. 1 - 2
1 of 7
www.diodes.com
November 2011
© Diodes Incorporated
DMP1245UFCL
A Product Line of
Diodes Incorporated
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Summary
V(BR)DSS
RDS(on) max
ID max
-12V
29m
Ω @VGS = -4.5V
-6.6 A
45m
Ω @VGS = -2.5V
-5.3 A
60m
Ω @VGS = -1.8V
-4.6 A
100m
Ω @VGS = -1.5V
-3.5 A
Application
This device provides a high performance, low RDS(ON) P channel
MOSFETs in the thermally and space efficient X1-DFN1616-6
package. The low RDS(ON) of this MOSFET ensures conduction
losses are kept making it ideal for use as a:
•
Battery disconnect switch
•
Load switch for power management functions
Features and Benefits
•
Typical off board profile of 0.5mm - ideally suited for thin
applications
•
Low RDS(ON) – minimizes conduction losses
•
PCB footprint of 2.56mm
2
•
3kV ESD Protected Gate – protected against human borne
ESD
•
“Lead-Free”, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: X1-DFN1616-6 Type E
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Lead Free Plating (NiPdAu Finish over Copper leadframe).
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Weight: 0.04 grams (approximate)
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DMP1245UFCL-7
P5
7
8
3,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
X1-DFN1616-6
Type E
Device symbol
Bottom View
Top View
Top View
Pin-Out
Pin 1
P5 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: X = 2010)
M = Month (ex: 9 = September)
Source
Gate
Protection
Diode
Gate
Drain
P5
YM


Similar Part No. - DMP1245UFCL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMP1245UFCL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 9
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1555UFA DIODES-DMP1555UFA Datasheet
391Kb / 6P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 12
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com