Electronic Components Datasheet Search
  English  ▼

X  

9348 Datasheet(PDF) 3 Page - Texas Instruments

Part # 9348
Description  9348 12-Input Parity Checker/Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

9348 Datasheet(HTML) 3 Page - Texas Instruments

  9348 Datasheet HTML 1Page - Texas Instruments 9348 Datasheet HTML 2Page - Texas Instruments 9348 Datasheet HTML 3Page - Texas Instruments 9348 Datasheet HTML 4Page - Texas Instruments 9348 Datasheet HTML 5Page - Texas Instruments 9348 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
9348
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
08
V
IOH
High Level Output Current
b
08
mA
IOL
Low Level Output Current
16
mA
TA
Free Air Operating Temperature
b
55
125
C
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output Voltage
VCC e Min IOH e Max VIL e Max
24
V
VOL
Low Level Output Voltage
VCC e Min IOL e Max VIH e Min
04
V
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
80
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
32
mA
IOS
Short Circuit Output Current
VCC e Max (Note 2)
b
20
b
70
mA
ICC
Supply Current
VCC e Max
82
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Switching Characteristics
VCC ea50V TA ea25 C (See Section 1 for waveforms and load configuration)
CL e 15 pF
Symbol
Parameter
Conditions
RL e 400X
Units
Min
Max
tPLH
Propagation Delay
I2 I3 I7 I8 e GND Other
46
ns
tPHL
I4 to PO
Inputs (except I4) HIGH
42
tPLH
Propagation Delay
I2 I3 I7 I8 e GND Other
51
ns
tPHL
I4 to PE
Inputs (except I4) HIGH
48
tPLH
Propagation Delay
I7 e HIGH Other Inputs
27
ns
I3 to PO
(except I3) e GND
tPHL
Propagation Delay
All Inputs (except I4) e GND
25
ns
I4 to PO
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com