| Electronic Components Datasheet Search |
|
AC5 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AC5 Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 5 page ![]() their own intellectual property or use value-added functions from TI’s extensive network of third- party solutions providers. This high degree of flexibility begins with the chipset’s fully programmable TMS320C6000™ DSP architecture and robust design tools. TI adds easy access to this programmable platform with its eXpress DSP/BIOS ™ real- time DSP software development environment. The ARM7™ core is also available for software cus- tomization and specific control functions. The result is a total solution that allows manufactur- ers to differentiate themselves through advanced services and customer-specific application improvements. Complete Voice and Data Solution The AC5 chipset is optimized for voice transport, with each modem supporting multiple dual latency channels to carry time sensitive voice traffic in addition to data traffic. The chipset fully supports VoDSL (VoIP and VoATM) in addition to embedded voice-over ADSL (VoADSL) fast path trans- port mechanism, enabling an inexpensive digital voice solution for the residential market. By combining the AC5 with TI’s recently announced customer premise equipment (CPE) ADSL portfolio and Telogy GoldenGate™ voice/fax software, designers have a complete end-to- end hardware and software voice architecture. Full Interoperability and Field Proven TI is fully committed to real-world interoperability and offers field- proven solutions today that meet telco interoperability requirements. The AC5 comes complete with all the hardware and software necessary to support the International Telecommunications Union (ITU) and American National Standards Institute (ANSI) standards for ADSL over plain old telephone service (POTS) and ADSL over Integrated Services Digital Network (ISDN). This includes G.992.1 (G.dmt), G.992.2 (G.lite) and T1.413 issue 2. In addition, the chipset’s full program- mability makes upgrading to new ADSL standards simple through easy software downloads. Tx Rx Modem #1 Tx Rx Modem #8 TNETD7102 On-Chip Interleave RAM Framer, CRC, FEC, Interleave Traffic Encoding & Decoding Serial Data I/F Utopia 2 I/F Cell Buffers TC Layer Mgt. Port Flash Port PCM I/F Mgt. Port Optional Flash Port PCM I/F ARM7 Core Data & AFE I/F SRAM User Data I/Fs ARM Subsystem DSP Subsystem Framer Subsystem Boot ROM SRAM Cont. I/F C6000 Programmable DSP Core TNETD5800 Octal-Port ADSL Transceiver Functional Diagram ac5.qxd 10/5/00 8:34 AM Page 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |