Electronic Components Datasheet Search
  English  ▼

X  

ADS58C28 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C28
Description  Dual Channel IF Receiver with SNRBoost3G
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58C28 Datasheet(HTML) 2 Page - Texas Instruments

  ADS58C28 Datasheet HTML 1Page - Texas Instruments ADS58C28 Datasheet HTML 2Page - Texas Instruments ADS58C28 Datasheet HTML 3Page - Texas Instruments ADS58C28 Datasheet HTML 4Page - Texas Instruments ADS58C28 Datasheet HTML 5Page - Texas Instruments ADS58C28 Datasheet HTML 6Page - Texas Instruments ADS58C28 Datasheet HTML 7Page - Texas Instruments ADS58C28 Datasheet HTML 8Page - Texas Instruments ADS58C28 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
ADS58C28
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD/BALL
PACKAGE
ORDERING
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN
(2)
FINISH
MARKING
NUMBER
TRANSPORT MEDIA
ADS58C28IRGC
Tape and reel
GREEN (RoHS, no
ADS58C28
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ58C28
Sb/Br)
ADS58C28IRGC
Tape and reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
The ADS58C28 is pin-compatible with the previous generation ADS62C17 converter; this architecture enables
easy migration. However, there are some important differences between the generations, summarized in Table 1.
Table 1. Migrating from the ADS62C17
ADS62C17
ADS58C28
PINS
Pin 22 is NC (not connected)
Pin 22 is AVDD
Pins 38 and 58 are DRVDD
Pins 38 and 58 are NC (do not connect pins)
Pins 39 and 59 are DRGND
Pins 39 and 59 are NC (do not connect pins)
SUPPLY
AVDD is 3.3V
AVDD is 1.8V
DRVDD is 1.8V
No change
INPUT COMMON-MODE VOLTAGE
CM is 1.5V
CM is 0.95V
SERIAL INTERFACE
No change in protocol
Protocol: 8-bit register address and 8-bit register data
New serial register map
PARALLEL CONFIGURATION
SCLK pin controls internal and external reference mode
SCLK pin enables low-speed mode
EXTERNAL REFERENCE
Supported
Not supported
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS58C28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com