Electronic Components Datasheet Search
  English  ▼

X  

ZXRE160 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXRE160
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE160 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXRE160 Datasheet HTML 1Page - Diodes Incorporated ZXRE160 Datasheet HTML 2Page - Diodes Incorporated ZXRE160 Datasheet HTML 3Page - Diodes Incorporated ZXRE160 Datasheet HTML 4Page - Diodes Incorporated ZXRE160 Datasheet HTML 5Page - Diodes Incorporated ZXRE160 Datasheet HTML 6Page - Diodes Incorporated ZXRE160 Datasheet HTML 7Page - Diodes Incorporated ZXRE160 Datasheet HTML 8Page - Diodes Incorporated ZXRE160 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
4 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND, @TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
IN Voltage relative to GND
20
V
VOUT
OUT Voltage relative to GND
20
V
VFB
FB Voltage relative to GND
20
V
PGND
PGND Voltage relative to GND
-0.3 to +0.3
V
IOUT
OUT Pin Current
20
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TST
Storage Temperature
55 to 150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Operation at the absolute maximum rating for extended periods may reduce device reliability.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events.
Suitable ESD precautions should be taken when handling and transporting these devices.
Package Thermal Data
Package
θJA
PDIS
TA = 25°C, TJ = 150°C
SC70/SOT353
400°C/W
310mW
TSOT25
250°C/W
500mW
X2-DFN1520-6
TBD
TBD
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Units
VIN
IN Voltage Range (0 to +125°C)
2
18
V
VIN
IN Voltage Range (-40°C to 0°C)
2.2
18
VOUT
OUT Voltage Range
0.2
18
IOUT
OUT Pin Current
0.3
15
mA
TA
Operating Ambient Temperature
Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com