Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5444IPFPR
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5444IPFPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5444IPFPR Datasheet HTML 11Page - Texas Instruments ADS5444IPFPR Datasheet HTML 12Page - Texas Instruments ADS5444IPFPR Datasheet HTML 13Page - Texas Instruments ADS5444IPFPR Datasheet HTML 14Page - Texas Instruments ADS5444IPFPR Datasheet HTML 15Page - Texas Instruments ADS5444IPFPR Datasheet HTML 16Page - Texas Instruments ADS5444IPFPR Datasheet HTML 17Page - Texas Instruments ADS5444IPFPR Datasheet HTML 18Page - Texas Instruments ADS5444IPFPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.ti.com
Input Amplitude − dBFS
−20
0
20
40
60
80
100
120
−110−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
fS = 250 MSPS
fIN = 100 MHz
G023
SFDR (dBFS)
90 dBFS Line
SFDR (dBc)
Duty Cycle − %
60.0
62.5
65.0
67.5
70.0
72.5
75.0
77.5
80.0
0
20
40
60
80
100
fS = 250 MSPS
G024
fIN = 100 MHz
fIN = 230 MHz
Clock Amplitude − VP−P
60
61
62
63
64
65
66
67
68
69
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G026
fIN = 100 MHz
fIN = 230 MHz
fS = 250 MSPS
Clock Amplitude − VP−P
60
62
64
66
68
70
72
74
76
78
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G025
fS = 250 MSPS
fIN = 100 MHz
fIN = 230 MHz
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
Two-Tone Spurious Free Dynamic Range
Spurious Free Dynamic Range
vs
vs
Input Amplitude
Clock Duty Cycle
Figure 22.
Figure 23.
Spurious Free Dynamic Range
Signal-to-Noise Ratio
vs
vs
Clock Level
Clock Level
Figure 24.
Figure 25.
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com