Electronic Components Datasheet Search
  English  ▼

X  

AM26C31MDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C31MDREP
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31MDREP Datasheet(HTML) 5 Page - Texas Instruments

  AM26C31MDREP Datasheet HTML 1Page - Texas Instruments AM26C31MDREP Datasheet HTML 2Page - Texas Instruments AM26C31MDREP Datasheet HTML 3Page - Texas Instruments AM26C31MDREP Datasheet HTML 4Page - Texas Instruments AM26C31MDREP Datasheet HTML 5Page - Texas Instruments AM26C31MDREP Datasheet HTML 6Page - Texas Instruments AM26C31MDREP Datasheet HTML 7Page - Texas Instruments AM26C31MDREP Datasheet HTML 8Page - Texas Instruments AM26C31MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
RL/2
VOC
VOD2
RL/2
Input A
(see Note B)
Output Y
1.3 V
50%
tsk(p)
Output Z
tPHL
tPLH
tsk(p)
tPLH
tPHL
C3 = 40 pF
C2 = 40 pF
C1 =
40 pF
Input
See Note A
TEST CIRCUIT
RL/2
RL/2
1.5 V
500
Ω
S1
1.3 V
1.3 V
3 V
0 V
50%
50%
50%
AM26C31-EP
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS871 – NOVEMBER 2007
Figure 1. Differential and Common-Mode Output Voltages
A.
C1, C2, and C3 include probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, and
tr, tf ≤ 6 ns.
Figure 2. Propagation Delay Time and Skew Waveforms and Test Circuit
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com