Electronic Components Datasheet Search
  English  ▼

X  

CD74FCT651 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT651
Description  BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT651 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT651 Datasheet HTML 1Page - Texas Instruments CD74FCT651 Datasheet HTML 2Page - Texas Instruments CD74FCT651 Datasheet HTML 3Page - Texas Instruments CD74FCT651 Datasheet HTML 4Page - Texas Instruments CD74FCT651 Datasheet HTML 5Page - Texas Instruments CD74FCT651 Datasheet HTML 6Page - Texas Instruments CD74FCT651 Datasheet HTML 7Page - Texas Instruments CD74FCT651 Datasheet HTML 8Page - Texas Instruments CD74FCT651 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
8-1
Data sheet acquired from Harris Semiconductor
SCHS262
Features
• Buffered Inputs
• Typical Propagation Delay: 6.8ns at VCC = 5V,
TA = 25
oC, C
L = 50pF
• CD75FCT651
- Inverting
• CD74FCT652
- Noninverting
• Family Features
- SCR Latchup Resistant BiCMOS Process and
Circuit Design
- Speed of Bipolar FAST™/AS/S
- 64mA Output Sink Current
- Output Voltage Swing Limited to 3.7V at VCC = 5V
- Controlled Output Edge Rates
- Input/Output Isolation to VCC
- BiCMOS Technology with Low Quiescent Power
Description
The CD74FCT651 and CD74FCT652 three-state, octal bus
transceivers/registers use a small geometry BiCMOS technol-
ogy. The output stage is a combination of bipolar and CMOS
transistors that limits the output HIGH level to two diode drops
below VCC. This resultant lowering of output swing (0V to
3.7V) reduces power bus ringing (a source of EMI) and mini-
mizes VCC bounce and ground bounce and their effects dur-
ing simultaneous output switching. The output configuration
also enhances switching speed and is capable of sinking 64
milliamperes.
These devices consist of bus transceiver circuits, D-Type flip-
flops, and control circuitry arranged for multiplexed transmis-
sion of data directly from the data bus or from the internal stor-
age registers. Output Enables OEAB and OEBA are provided
to control the transceiver functions. SAB and SBA control pins
are provided to select whether real-time or stored data is
transferred. The circuitry used for select control will eliminate
the typical decoding glitch that occurs in a multiplexer during
the transition between stored and real-time data. A LOW input
level selects real-time data and a HIGH selects stored data.
The following examples demonstrate the four fundamental
bus management functions that can be performed with the
octal bus transceivers and registers.
Data on the A or B data bus, or both, can be stored in the inter-
nal D flip-flops by low to high transitions at the appropriate clock
pins (CAB or CBA) regardless of the select or enable control
pins. When SAB and SBA are in the real-time transfer mode, it
is also possible to store data without using the internal D-Type
flip-flops by simultaneously enabling OEAB and OEBA. In this
configuration, each output reinforces its input. Thus, when all
other data sources to the two sets of bus lines are at high
impedance, each set of bus lines will remain at its last state.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT651EN
0 to 70
24 Ld PDIP
E24.3
CD74FCT652EN
0 to 70
24 Ld PDIP
E24.3
CD74FCT651M
0 to 70
24 Ld SOIC
M24.3
CD74FCT652M
0 to 70
24 Ld SOIC
M24.3
NOTE: When ordering the suffix M packages, use the entire part
number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT651 (PDIP, SOIC)
TOP VIEW
CD74FCT652 (PDIP, SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OEBA
B0
B1
B3
B5
B6
B7
CBA
B2
B4
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OEBA
B0
B1
B3
B5
B6
B7
CBA
B2
B4
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1997
CD74FCT651,
CD74FCT652
BiCMOS FCT Interface Logic, Octal Bus
Transceivers/Registers, Three-State
File Number
2394.2
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology


Similar Part No. - CD74FCT651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT652 TI1-CD74FCT652 Datasheet
260Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT652EN TI1-CD74FCT652EN Datasheet
260Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT652M TI1-CD74FCT652M Datasheet
260Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT653 TI-CD74FCT653 Datasheet
49Kb / 9P
FCT Interface Logic, Octal Bus Transceivers/ Registers, Open Drain (A Side), Three-State (B Side)
CD74FCT653 TI1-CD74FCT653 Datasheet
259Kb / 11P
BiCMOS OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CD74FCT651

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT564 TI-CD74FCT564 Datasheet
29Kb / 5P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT653 TI-CD74FCT653 Datasheet
49Kb / 9P
FCT Interface Logic, Octal Bus Transceivers/ Registers, Open Drain (A Side), Three-State (B Side)
CD74FCT861A TI1-CD74FCT861A Datasheet
101Kb / 10P
BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com