Electronic Components Datasheet Search
  English  ▼

X  

CDC209 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC209
Description  DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC209 Datasheet(HTML) 4 Page - Texas Instruments

  CDC209 Datasheet HTML 1Page - Texas Instruments CDC209 Datasheet HTML 2Page - Texas Instruments CDC209 Datasheet HTML 3Page - Texas Instruments CDC209 Datasheet HTML 4Page - Texas Instruments CDC209 Datasheet HTML 5Page - Texas Instruments CDC209 Datasheet HTML 6Page - Texas Instruments CDC209 Datasheet HTML 7Page - Texas Instruments CDC209 Datasheet HTML 8Page - Texas Instruments CDC209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CDC209, CDC209–7
DUAL 1-LINE TO 4-LINE CLOCK DRIVERS
WITH 3-STATE OUTPUTS
SCAS108D – MARCH 1990 – REVISED MAY 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VCC =3V
25
°C
2.9
VCC = 3 V
Full range
2.9
IOH =50 µA
VCC =4 5V
25
°C
4.4
IOH = – 50 µA
VCC = 4.5 V
Full range
4.4
VCC =5 5V
25
°C
5.4
VCC = 5.5 V
Full range
5.4
VOH
High-level output voltage
IOH =4 mA
VCC =3V
25
°C
2.58
V
IOH = – 4 mA
VCC = 3 V
Full range
2.48
VCC =4 5V
25
°C
3.94
IOH =24 mA
VCC = 4.5 V
Full range
3.8
IOH = – 24 mA
VCC =5 5V
25
°C
4.94
VCC = 5.5 V
Full range
4.8
IOH = – 75 mA‡,
VCC = 5.5 V
Full range
3.85
VCC =3V
25
°C
0.1
VCC = 3 V
Full range
0.1
IOL =50 µA
VCC =4 5V
25
°C
0.1
IOL = 50 µA
VCC = 4.5 V
Full range
0.1
VCC =5 5V
25
°C
0.1
VCC = 5.5 V
Full range
0.1
VOL
Low-level output voltage
IOL =12mA
VCC =3V
25
°C
0.36
V
IOL = 12 mA
VCC = 3 V
Full range
0.44
VCC =4 5V
25
°C
0.36
IOL =24mA
VCC = 4.5 V
Full range
0.44
IOL = 24 mA
VCC =5 5V
25
°C
0.36
VCC = 5.5 V
Full range
0.44
IOL = 75 mA‡,
VCC = 5.5 V
Full range
1.65
II
Input current
VI =VCC or GND
VCC =5 5V
25
°C
±0.1
µA
II
Input current
VI = VCC or GND
VCC = 5.5 V
Full range
±1
µA
IOZ
High impedance output current
VO =VCC or GND
VCC =5 5V
25
°C
±0.5
µA
IOZ
High-impedance output current
VO = VCC or GND
VCC = 5.5 V
Full range
±5
µA
ICC
Supply current
VI = VCC or GND,
VCC =5 5V
25
°C
8
µA
ICC
Supply current
ICC
,
IO = 0
VCC = 5.5 V
Full range
80
µA
Ci
Input capacitance
VI = VCC or GND
VCC = 5 V
25
°C
4
pF
Co
Output capacitance
VO = VCC or GND
VCC = 5 V
25
°C
10
pF
† Full range is TA = –40°C to 85°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com