Electronic Components Datasheet Search
  English  ▼

X  

CDC1104 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC1104
Description  1 to 4 Configurable Clock Buffer for 3D Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC1104 Datasheet(HTML) 1 Page - Texas Instruments

  CDC1104 Datasheet HTML 1Page - Texas Instruments CDC1104 Datasheet HTML 2Page - Texas Instruments CDC1104 Datasheet HTML 3Page - Texas Instruments CDC1104 Datasheet HTML 4Page - Texas Instruments CDC1104 Datasheet HTML 5Page - Texas Instruments CDC1104 Datasheet HTML 6Page - Texas Instruments CDC1104 Datasheet HTML 7Page - Texas Instruments CDC1104 Datasheet HTML 8Page - Texas Instruments CDC1104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLKOUT1
VDD
CLKOUT2
S4
GND
S3
1
2
3
4
5
6
7
8
9
10
11
12
CLKOUT1
VDD
Top
View
CLKOUT2
S4
GND
S3
1
2
3
4
5
6
7
8
9
10
11
12
CDC1104
www.ti.com
SCAS921
– SEPTEMBER 2011
1 to 4 Configurable Clock Buffer for 3D Displays
Check for Samples: CDC1104
1
FEATURES
RVK PACKAGE
•
Input Reference Clock 120Hz
–240Hz
(TOP VIEW)
•
Output Clock (Fin/2) 60Hz
–120Hz
•
Output Buffer Drive Strength: 8mA
•
4 Clock Outputs
•
4 Control Pins Select Phases of Clock Outputs
•
Supply Voltage: 3.8V
–5.5V
•
Operating Temperature Range:
–40°C to 85°C
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-B)
– 500-V Charged-Device Model (C101)
•
Package Offerings
– 12-pin QFN (3mm x 3mm)
DESCRIPTION
The CDC1104 is a 1 to 4 configurable clock buffer. The device accepts an input reference clock and creates 4
buffered output clocks with an output frequency equal to one half the input clock frequency. Four control inputs,
S1, S2, S3, S4 configurable phases of the clock outputs.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
RVK
Tape and reel
CDC1104RVKR
ZT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC1104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC1104 TI2-CDC1104 Datasheet
311Kb / 12P
1 to 4 Configurable Clock Buffer for 3D Displays
SEPTEMBER 2011
CDC1104RVKR TI2-CDC1104RVKR Datasheet
311Kb / 12P
1 to 4 Configurable Clock Buffer for 3D Displays
SEPTEMBER 2011
CDC1104RVKR.B TI2-CDC1104RVKR.B Datasheet
311Kb / 12P
1 to 4 Configurable Clock Buffer for 3D Displays
SEPTEMBER 2011
More results

Similar Description - CDC1104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
1-to-4 Clock Distribution Buffer
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MLF IDT-ICS553MLF Datasheet
92Kb / 8P
nLOW SKEW 1 TO 4 CLOCK BUFFER
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com