Electronic Components Datasheet Search
  English  ▼

X  

CDCE421ARGET Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 18 Page - Texas Instruments

Back Button CDCE421ARGET Datasheet HTML 14Page - Texas Instruments CDCE421ARGET Datasheet HTML 15Page - Texas Instruments CDCE421ARGET Datasheet HTML 16Page - Texas Instruments CDCE421ARGET Datasheet HTML 17Page - Texas Instruments CDCE421ARGET Datasheet HTML 18Page - Texas Instruments CDCE421ARGET Datasheet HTML 19Page - Texas Instruments CDCE421ARGET Datasheet HTML 20Page - Texas Instruments CDCE421ARGET Datasheet HTML 21Page - Texas Instruments CDCE421ARGET Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
10
100
1k
10k
100k
1M
10M
100M
Single-SidebandFrequency(Hz)
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
Figure 10 and Table 14 show the SSB phase noise plot and phase noise at 400 MHz for LVDS from 100 Hz to
40 MHz from the carrier. See Figure 7 and Figure 8 for the test configuration setup for LVPECL and LVDS ac
termination, respectively.
Figure 10. SSB Phase Noise at 400-MHz LVDS Output with LVCMOS Input of 33.33 MHz
Table 14. Phase Noise Data for LVDS at 400 MHz with LVCMOS Input of 33.33 MHz(1)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–99
dBc/Hz
phn1k
Phase noise at 1 kHz
–109
dBc/Hz
phn10k
Phase noise at 10 kHz
–119
dBc/Hz
phn100k
Phase noise at 100 kHz
–121
dBc/Hz
phn1M
Phase noise at 1 MHz
–130
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter from 10 kHz to 20 MHz
409
fs
(1)
Phase noise specifications under following assumptions: input frequency = 33.33 MHz (VCO = 1, prescaler = 5, output divider = 1),
output frequency = 400 MHz at LVDS.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com