Electronic Components Datasheet Search
  English  ▼

X  

CDC328ADRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC328ADRG4
Description  1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC328ADRG4 Datasheet(HTML) 3 Page - Texas Instruments

  CDC328ADRG4 Datasheet HTML 1Page - Texas Instruments CDC328ADRG4 Datasheet HTML 2Page - Texas Instruments CDC328ADRG4 Datasheet HTML 3Page - Texas Instruments CDC328ADRG4 Datasheet HTML 4Page - Texas Instruments CDC328ADRG4 Datasheet HTML 5Page - Texas Instruments CDC328ADRG4 Datasheet HTML 6Page - Texas Instruments CDC328ADRG4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CDC328
1LINE TO 6LINE CLOCK DRIVER
WITH SELECTABLE POLARITY
SCBS116B − JANUARY 1991 − REVISED MARCH 1994
2−3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = −18 mA
−1.2
V
VOH
VCC = 4.75 V,
IOH = − 15 mA
2.5
V
VOL
VCC = 4.75 V,
IOL = 64 mA
0.55
V
II
VCC = 5.25 V,
VI = VCC or GND
±1
µA
IO‡
VCC = 5.25 V,
VO = 2.5 V
−15
−100
mA
ICC
VCC = 5.25 V,
IO = 0,
Outputs high
50
µA
ICC
VCC = 5.25 V,
IO = 0,
VI = VCC or GND
Outputs low
20
30
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
† All typical values are at VCC = 5 V, TA = 25°C
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
tPLH
A
Any Y
1.7
7
ns
tPHL
A
Any Y
1.5
5.4
ns
tPLH
T/C
Any Y
1.5
8
ns
tPHL
T/C
Any Y
1.4
6.6
ns
tsk(o)
A
Any Y (same phase)
0.7
ns
tsk(o)
A
Any Y (any phase)
2.6
ns
tr
1.2
ns
tf
0.5
ns
switching characteristics, VCC = 5 V ± 0.25 V, TA = 25°C to 70°C (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
A
Any Y
2.1
6.1
ns
tPHL
A
Any Y
1.7
4.8
ns
tsk(o)
A
Any Y (same phase)
0.7
ns
tsk(o)
A
Any Y (any phase)
2.1
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com