Electronic Components Datasheet Search
  English  ▼

X  

LT1236LS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1236LS8
Description  Precision, Low Noise, Low Profile Hermetic Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236LS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1236LS8 Datasheet HTML 8Page - Linear Technology LT1236LS8 Datasheet HTML 9Page - Linear Technology LT1236LS8 Datasheet HTML 10Page - Linear Technology LT1236LS8 Datasheet HTML 11Page - Linear Technology LT1236LS8 Datasheet HTML 12Page - Linear Technology LT1236LS8 Datasheet HTML 13Page - Linear Technology LT1236LS8 Datasheet HTML 14Page - Linear Technology LT1236LS8 Datasheet HTML 15Page - Linear Technology LT1236LS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1236LS8
13
1236ls8f
Typical applicaTions
Use Resistor Arrays to Provide Precise Matching in Excitation Amplifier
C1
0.1µF
15V
3
1
2
7
8
1
6
3
6
–
+
REF+
REF–
IN+
IN–
GND
VCC
2
3
4
5
6
1236ls8 TA09
1
LT1236LS8
RN1
10k
22
10V
350 BRIDGE
TWO ELEMENTS
VARYING
RN1
10k
Q1
2N3904
1/2
LT1112
C2
0.1µF
15V
–5V
–15V
–15V
6
7
5
4
5
+
–
RN1
10k
RN1 IS LT5400ACMS8E-1
Q2, Q3
2N3906
×2
1/2
LT1112
RN1
10k
33
×2
C3
47µF
C1
0.1µF
5V
5V
8
4
20
20
+
LTC2411/
LTC2411-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com