Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP1102 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1102
Description  Two LVPECL Output, High-Performance Clock Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP1102 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCLVP1102 Datasheet HTML 11Page - Texas Instruments CDCLVP1102 Datasheet HTML 12Page - Texas Instruments CDCLVP1102 Datasheet HTML 13Page - Texas Instruments CDCLVP1102 Datasheet HTML 14Page - Texas Instruments CDCLVP1102 Datasheet HTML 15Page - Texas Instruments CDCLVP1102 Datasheet HTML 16Page - Texas Instruments CDCLVP1102 Datasheet HTML 17Page - Texas Instruments CDCLVP1102 Datasheet HTML 18Page - Texas Instruments CDCLVP1102 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Differential
V
CC
V
CC
96 W
105 W
96 W
105 W
CDCLVP1102
Differential
V
CC
V
CC
82 W
130 W
82 W
130 W
CDCLVP1102
CDCLVP1102
www.ti.com
SCAS884C
– AUGUST 2009 – REVISED AUGUST 2011
Figure 20 and Figure 21 show the technique of ac coupling differential inputs to the CDCLVP1102 for VCC = 2.5
V and VCC = 3.3 V, respectively. It is recommended to place all resistive components close to either the driver
end or the receiver end. If the supply voltages of the driver and receiver are different, ac coupling is required.
Figure 20. AC-Coupled Differential Inputs to CDCLVP1102 (VCC = 2.5 V)
Figure 21. AC-Coupled Differential Inputs to CDCLVP1102 (VCC = 3.3 V)
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May, 2010) to Revision C
Page
•
Corrected VIL parameter description in Electrical Characteristics table for LVCMOS inputs ............................................... 3
•
Added footnote (2) to Electrical Characteristics table for LVPECL Output, VCC = 2.375 V to 2.625 V ................................ 4
•
Revised description of pin 8 .................................................................................................................................................. 6
•
Changed recommended resistor values in Figure 14(a) .................................................................................................... 12
•
Changed resistor values in Figure 18 ................................................................................................................................. 14
•
Changed resistor values in Figure 19 ................................................................................................................................. 14
Changes from Revision A (October, 2009) to Revision B
Page
•
Changed description of OUTN1 and OUTN0 pins in Pin Descriptions table ........................................................................ 6
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): CDCLVP1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com