Electronic Components Datasheet Search
  English  ▼

X  

AD628 Datasheet(PDF) 5 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD628
Description  Very Low Distortion, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD628 Datasheet(HTML) 5 Page - Aavid, Thermal Division of Boyd Corporation

  AD628 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD628 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8274
Rev. C | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTION
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8274
TOP VIEW
(Not to Scale)
Figure 3. MSOP Pin Configuration
REF 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
AD8274
TOP VIEW
(Not to Scale)
Figure 4. SOIC Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
REF
6 kΩ Resistor to Noninverting Terminal of Op Amp. Used as reference pin in G = ½ configuration. Used as
positive input in G = 2 configuration.
2
−IN
12 kΩ Resistor to Inverting Terminal of Op Amp. Used as negative input in G = ½ configuration. Connect
to output in G = 2 configuration.
3
+IN
12 kΩ Resistor to Noninverting Terminal of Op Amp. Used as positive input in G = ½ configuration. Used
as reference pin in G = 2 configuration.
4
−VS
Negative Supply.
5
SENSE
6 kΩ Resistor to Inverting Terminal of Op Amp. Connect to output in G = ½ configuration. Used as
negative input in G = 2 configuration.
6
OUT
Output.
7
+VS
Positive Supply.
8
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com