Electronic Components Datasheet Search
  English  ▼

X  

AD8205 Datasheet(PDF) 13 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8205
Description  Very Low Distortion, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8205 Datasheet(HTML) 13 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8205 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation AD8205 Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8274
Rev. C | Page 13 of 16
CONFIGURATIONS
The AD8274 can be configured in several ways; see Figure 40 to Figure 47. Because these configurations rely on the internal, matched
resistors, all of these configurations have excellent gain accuracy and gain drift. Note that the AD8274 internal op amp is stable for noise
gains of 1.5 and higher, so the AD8274 should not be placed in a unity-gain follower configuration.
12kΩ
2
3
5
1
6
6kΩ
12kΩ
6kΩ
–IN
OUT
+IN
VOUT = ½ (VIN+ − VIN−)
Figure 40. Difference Amplifier, G = ½
6kΩ
3
2
1
6
12kΩ
6kΩ
12kΩ
–IN
OUT
+IN
5
VOUT = 2 (VIN+ − VIN−)
Figure 41. Difference Amplifier, G = 2
12kΩ
2
3
5
1
6
6kΩ
12kΩ
6kΩ
–IN
OUT
VOUT = –½ VIN
Figure 42. Inverting Amplifier, G = −½
6kΩ
2
1
5
3
6
12kΩ
6kΩ
12kΩ
–IN
OUT
VOUT = –2 VIN
Figure 43. Inverting Amplifier, G = −2
12kΩ
2
3
5
1
6
6kΩ
12kΩ
6kΩ
OUT
+IN
VOUT = ½ VIN
Figure 44. Noninverting Amplifier, G = ½
6kΩ
2
3
5
1
6
12kΩ
6kΩ
12kΩ
OUT
+IN
VOUT = 2 VIN
Figure 45. Noninverting Amplifier, G = 2
12kΩ
25
6
6kΩ
+IN
OUT
3
1
12kΩ
6kΩ
VOUT = 1½ VIN
Figure 46. Noninverting Amplifier, G = 1.5
6kΩ
2
5
6
12kΩ
+IN
OUT
3
1
6kΩ
12kΩ
VOUT = 3 VIN
Figure 47. Noninverting Amplifier, G = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com