Electronic Components Datasheet Search
  English  ▼

X  

SL74HCT139 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL74HCT139
Description  Dual 1-of-4 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT139 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL74HCT139 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT139 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT139 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT139 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT139 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SL74HCT139
System Logic
Semiconductor
SLS
Dual 1-of-4 Decoder/Demultiplexer
High-Performance Silicon-Gate CMOS
The SL74HCT139A is identical in pinout to the LS/ALS139. The
SL74HCT139A may be used as a level converter for interfacing TTL or
NMOS outputs to High Speed CMOS inputs.
This device consists of two independent 1-of-4 decoders, each of
which decodes a two -bit Address to one-of-four active-low outputs.
Active-low Selects are provided to facilitate the demultiplexing and
cascading functions. The demultiplexing function is accomplished by
using the Address inputs to select the desired device output, and
utilizing the Select as a data input.
• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
ORDERING INFORMATION
SL74HCT139N Plastic
SL74HCT139D SOIC
TA = -55
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
Select
A1
A0
Y0
Y1
Y2
Y3
H
X
X
H
H
H
H
L
L
L
L
H
H
H
L
L
H
H
L
H
H
L
H
L
H
H
L
H
L
H
H
H
H
H
L
X = don’t care
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND
PIN ASSIGNMENT


Similar Part No. - SL74HCT139

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT132 SLS-SL74HCT132 Datasheet
68Kb / 6P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
SL74HCT132D SLS-SL74HCT132D Datasheet
68Kb / 6P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
SL74HCT132N SLS-SL74HCT132N Datasheet
68Kb / 6P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs(High-Performance Silicon-Gate CMOS)
SL74HCT138 SLS-SL74HCT138 Datasheet
52Kb / 5P
1- of-8 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
SL74HCT138D SLS-SL74HCT138D Datasheet
52Kb / 5P
1- of-8 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
More results

Similar Description - SL74HCT139

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT138 SLS-SL74HCT138 Datasheet
52Kb / 5P
1- of-8 Decoder/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC138 INTEGRAL-IN74HC138 Datasheet
103Kb / 5P
1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
IN74HC139A INTEGRAL-IN74HC139A Datasheet
103Kb / 5P
Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HC154 MOTOROLA-MC54HC154 Datasheet
107Kb / 7P
1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
MC54HC138 MOTOROLA-MC54HC138 Datasheet
274Kb / 4P
1-of-8 Decoder / Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC154A KODENSHI-KK74HC154A Datasheet
310Kb / 7P
1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
KK74HCT139A KODENSHI-KK74HCT139A Datasheet
223Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC154A IKSEMICON-IN74HC154A Datasheet
299Kb / 7P
1-of-16 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
IN74HCT138A IKSEMICON-IN74HCT138A Datasheet
208Kb / 6P
1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
IN74HCT139A IKSEMICON-IN74HCT139A Datasheet
209Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com