Electronic Components Datasheet Search
  English  ▼

X  

AD8137 Datasheet(PDF) 22 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8137
Description  Low Cost, Low Power, Differential ADC Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8137 Datasheet(HTML) 22 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8137 Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation AD8137 Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD8137
Data Sheet
Rev. E | Page 22 of 32
THEORY OF OPERATION
The AD8137 is a low power, low cost, fully differential voltage
feedback amplifier that features a rail-to-rail output stage,
common-mode circuitry with an internally derived common-
mode reference voltage, and bias shutdown circuitry. The amplifier
uses two feedback loops to separately control differential and
common-mode feedback. The differential gain is set with external
resistors as in a traditional amplifier, and the output common-
mode voltage is set by an internal feedback loop, controlled by
an external VOCM input. This architecture makes it easy to set
arbitrarily the output common-mode voltage level without
affecting the differential gain of the amplifier.
–OUT
+IN
ACM
VOCM
CC
CC
CP
+OUT
–IN CN
Figure 62. Block Diagram
From Figure 62, the input transconductance stage is an H-bridge
whose output current is mirrored to high impedance nodes CP
and CN. The output section is traditional H-bridge driven circuitry
with common emitter devices driving nodes +OUT and −OUT.
The 3 dB point of the amplifier is defined as
C
m
C
g
BW
×
π
=
2
where:
gm is the transconductance of the input stage.
CC is the total capacitance on node CP/CN (capacitances CP
and CN are well matched).
For the AD8137, the input stage gm is ~1 mA/V and the
capacitance CC is 3.5 pF, setting the crossover frequency of the
amplifier at 41 MHz. This frequency generally establishes an
amplifier’s unity gain bandwidth, but with the AD8137, the
closed-loop bandwidth depends upon the feedback resistor
value as well (see Figure 17). The open-loop gain and phase
simulations are shown in Figure 63.
FREQUENCY (MHz)
100
80
–60
–40
–20
0
20
40
60
–120
–100
–80
–200
–180
–160
–140
0.0001
0.01
0.001
0.1
1
10
100
OPEN-LOOP GAIN (dB)
PHASE (DEGREES)
Figure 63. Open-Loop Gain and Phase
In Figure 62, the common-mode feedback amplifier ACM
samples the output common-mode voltage, and by negative
feedback forces the output common-mode voltage to be equal
to the voltage applied to the VOCM input. In other words, the
feedback loop servos the output common-mode voltage to the
voltage applied to the VOCM input. An internal bias generator
sets the VOCM level to approximately midsupply; therefore, the
output common-mode voltage is set to approximately midsupply
when the VOCM input is left floating. The source resistance of the
internal bias generator is large and can be overridden easily by an
external voltage supplied by a source with a relatively small output
resistance. The VOCM input can be driven to within approximately
1 V of the supply rails while maintaining linear operation in the
common-mode feedback loop.
The common-mode feedback loop inside the AD8137 produces
outputs that are highly balanced over a wide frequency range
without the requirement of tightly matched external components,
because it forces the signal component of the output common-
mode voltage to be zeroed. The result is nearly perfectly balanced
differential outputs of identical amplitude and exactly 180°
apart in phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com