Electronic Components Datasheet Search
  English  ▼

X  

AD8216 Datasheet(PDF) 6 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD8216
Description  Very Low Distortion, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8216 Datasheet(HTML) 6 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8216 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8216 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8274
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, gain = ½, difference amplifier configuration, unless otherwise noted.
20
15
10
5
0
–5
–10
–15
–20
–25
–30
–50
–30
10
50
130
TEMPERATURE (°C)
–10
30
70
90
110
REPRESENTATIVE SAMPLES
Figure 5. CMR vs. Temperature, Normalized at 25°C, Gain = ½
150
100
50
0
–50
–100
–150
–200
–50
–30
10
50
130
TEMPERATURE (°C)
–10
30
70
90
110
REPRESENTATIVE SAMPLES
Figure 6. System Offset vs. Temperature, Normalized at 25°C,
Referred to Output, Gain = ½
30
20
10
0
–10
–20
–30
–40
–50
–50
–30
10
50
130
TEMPERATURE (°C)
–10
30
70
90
110
REPRESENTATIVE SAMPLES
Figure 7. Gain Error vs. Temperature, Normalized at 25°C, Gain = ½
30
20
10
0
–10
–20
–30
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
–13.5V, +11.5V
–13.5V, –11.5V
0V, +25V
VS = ±15V
0V, –25V
+13.5V, +11.5V
G = ½
+13.5V, –11.5V
Figure 8. Input Common-Mode Voltage vs. Output Voltage,
Gain = ½, ±15 V Supplies
20
15
10
5
0
–5
–10
–15
–20–4
–3
–2
–1
01234
OUTPUT VOLTAGE (V)
–3.5V, +15.8V
–1.0V, +6.2V
+1.0V, +4.2V
+1.0, –6.0V
–3.5V, –8.7V
+3.5V, +8.8V
G = ½
VS = ±5V
VS = ±2.5V
+3.5V, –15.5V
–1.0V, –4.0V
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
Gain = ½, ±5 V and ±2.5 V Supplies
25
20
15
10
5
0
–5
–10
–15
–20
–25
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
–13.5V, +11.5V
–13.5V, –11.5V
0V, +20.85V
0V, –20.85V
+13.5V, +11.5V
G = 2
+13.5V, –11.5V
VS = ±15V
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
Gain = 2, ±15 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com