Electronic Components Datasheet Search
  English  ▼

X  

CDCV304TPWREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCV304TPWREP
Description  200-MHz GENERAL-PURPOSE CLOCK BUFFER, PCI-X COMPLIANT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV304TPWREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCV304TPWREP Datasheet HTML 2Page - Texas Instruments CDCV304TPWREP Datasheet HTML 3Page - Texas Instruments CDCV304TPWREP Datasheet HTML 4Page - Texas Instruments CDCV304TPWREP Datasheet HTML 5Page - Texas Instruments CDCV304TPWREP Datasheet HTML 6Page - Texas Instruments CDCV304TPWREP Datasheet HTML 7Page - Texas Instruments CDCV304TPWREP Datasheet HTML 8Page - Texas Instruments CDCV304TPWREP Datasheet HTML 9Page - Texas Instruments CDCV304TPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
140
Ω
Yn
VDD
10 pF
140
Ω
0.6 VDD
1Y0 − 1Y3
50% VDD
0.2 VDD
tf
VOL
VOH
tr
CLKIN
0 V
VDD
tPHL
50% VDD
tPLH
0.6 VDD
50% VDD
0.2 VDD
50% VDD
Any Y
Any Y
tsk(0)
50% VDD
thigh
VIH(Min)
Vtest
VIL(Max)
tlow
tcyc
0.4 VDD
Peak to Peak (Minimum)
0.2 VDD
0.6 VDD
PARAMETER
VALUE
UNIT
VIH(Min)
VIL(Max)
Vtest
0.5 VDD
0.35 VDD
0.4 VDD
V
V
V
CDCV304-EP
SCAS927A – MARCH 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Test Load Circuit
Figure 2. Voltage Waveforms Propagation Delay (tpd) Measurements
Figure 3. Output Skew
A.
All parameters in Figure 4 are according to PCI-X 1.0 specifications.
Figure 4. Clock Waveform
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCV304-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com