Electronic Components Datasheet Search
  English  ▼

X  

AD629 Datasheet(PDF) 16 Page - Aavid, Thermal Division of Boyd Corporation

Part # AD629
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD629 Datasheet(HTML) 16 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD629 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation AD629 Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8275
Rev. A | Page 16 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 44. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8275ARMZ
−40°C to +85°C
8-Lead MSOP
RM-8
Y13
AD8275ARMZ-R7
−40°C to +85°C
8-Lead MSOP, 7”Tape and Reel
RM-8
Y13
AD8275ARMZ-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y13
AD8275BRMZ
−40°C to +85°C
8-Lead MSOP
RM-8
Y1V
AD8275BRMZ-R7
−40°C to +85°C
8-Lead MSOP, 7”Tape and Reel
RM-8
Y1V
AD8275BRMZ-RL
−40°C to +85°C
8-Lead MSOP, 13" Tape and Reel
RM-8
Y1V
1
Z = RoHS Compliant Part.
©2008-2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07546-0-8/10(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com