Electronic Components Datasheet Search
  English  ▼

X  

ATS1378 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS1378
Description  Low Profile, High Performance Cooling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS1378 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS1378 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.0
1.5
2.0
2.5
3.0
3.5
4.0
DIGI-KEY PART #
ATS PART #
Features & Benefits
Product Details
Thermal Performance Table
AIR VElocITY
THERMAl RESISTANcE
FT/MIN
200
300
400
500
600
700
800
M/S
°c/W (UNDUcTED)
°c/W (DUcTED)
DIMENSIoN A
DIMENSIoN B
DIMENSIoN c§
DIMENSIoN D
FINISH
61
58.2
5.5
66.3
GolD-ANoDIZED
For further technical information, please contact Advanced Thermal
Solutions, Inc. at 1-781-769-2800 or www.qats.com
4
3.1
2.5
2.2
1.8
1.7
1.5
2.3
ATS1378-ND
Low Profile, High Performance Cooling
Solutions w/Thermal Tape Attachment*
To place an order, please visit www.digikey.com
blueIcE™ heat sinks feature an ultra low profile for
tough-to-cool applications
TIM
c675
ATS-60002-c2-R0
* RoHS compliant
‡ TIM = Thermal Interface Material
† Dimensions are measured in millimeters
§ Dimension c = the height of the heat sink shown above
and does not include the height of the attachment method
Designed for high performance in low air velocities
Ideal for telecommunications applications where space is
limited
comes preassembled with high performance thermal
interface material
C
D
B
A


Similar Part No. - ATS1378

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
Single Hall Effect Switch
Rev.A5 Jul 14, 2004
logo
Diodes Incorporated
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
ATS137 DIODES-ATS137 Datasheet
202Kb / 12P
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
ATS137-P DIODES-ATS137-P Datasheet
189Kb / 10P
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
logo
Anachip Corp
ATS137-P-A ANACHIP-ATS137-P-A Datasheet
202Kb / 7P
Single Hall Effect Switch
Rev.A5 Jul 14, 2004
More results

Similar Description - ATS1378

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53170R-C2-R0 ATS-ATS-53170R-C2-R0 Datasheet
299Kb / 1P
High Performance BGA Cooling
REV1_0908
ATS-60000-C2-R0 ATS-ATS-60000-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60001-C2-R0 ATS-ATS-60001-C2-R0 Datasheet
271Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60002-C2-R0 ATS-ATS-60002-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60003-C2-R0 ATS-ATS-60003-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS-60004-C2-R0 ATS-ATS-60004-C2-R0 Datasheet
272Kb / 1P
Low Profile, High Performance Cooling
REV1_0908
ATS1376 ATS-ATS1376 Datasheet
205Kb / 1P
Low Profile, High Performance Cooling
ATS1377 ATS-ATS1377 Datasheet
204Kb / 1P
Low Profile, High Performance Cooling
ATS1379 ATS-ATS1379 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
ATS1380 ATS-ATS1380 Datasheet
251Kb / 1P
Low Profile, High Performance Cooling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com