Electronic Components Datasheet Search
  English  ▼

X  

SL74HCT163 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74HCT163
Description  Presettable Counters(High-Performance Silicon-Gate CMOS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT163 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74HCT163 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 5Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 6Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 7Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 8Page - System Logic Semiconductor SL74HCT163 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SL74HCT163
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(V
CC=5.0 V
± 10%, C
L=50pF,Input t r=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C to
-55
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (Figures 1,6)
30
24
20
MHz
tPLH
Maximum Propagation Delay, Clock to Q
34
43
51
ns
tPHL
(Figures 1,6)
41
51
62
ns
tPLH
Maximum Propagation Delay, Enable T to Ripple
Carry Out (Figures 2,6)
32
40
48
ns
tPHL
39
49
59
ns
tPLH
Maximum Propagation Delay, Clock to Ripple
35
44
53
ns
tPHL
Carry Out (Figures 1,6)
43
54
65
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output,
(Figures 1 and 6)
15
19
22
ns
CIN
Maximum Input Capacitance
10
10
10
pF
Power Dissipation Capacitance (Per Gate)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC+
∆I
CCVCC
60
pF
TIMING REQUIREMENTS (V
CC=5.0 V
± 10%, C
L=50pF,Input t r=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Preset Data Inputs to Clock
(Figure 4)
30
38
45
ns
tsu
Minimum Setup Time, Load to Clock (Figure 4)
27
34
41
ns
tsu
Minimum Setup Time, Reset to Clock (Figure 3)
32
40
48
ns
tsu
Minimum Setup Time, Enable T or Enable P to Clock
(Figure 5)
40
50
60
ns
th
Minimum Hold Time, Clock to Preset Data Inputs
(Figure 4)
10
13
15
ns
th
Minimum Hold Time, Clock to Load (Figure 4)
3
3
3
ns
th
Minimum Hold Time, Clock to Reset (Figure 3)
3
3
3
ns
th
Minimum Hold Time, Clock to Enable T or Enable P
(Figure 5)
3
3
3
ns
trec
Minimum Recovery Time, Load Inactive to Clock
(Figure 4)
25
31
38
ns
tw
Minimum Pulse Width, Clock (Figure 1)
16
20
24
ns
tw
Minimum Pulse Width, Reset (Figure 4)
16
20
24
ns
tr, tf
Maximum Input Rise and Fall Times (Figure 1)
500
500
500
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com