Electronic Components Datasheet Search
  English  ▼

X  

BZX100A Datasheet(PDF) 14 Page - Linear Technology

Part # BZX100A
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

BZX100A Datasheet(HTML) 14 Page - Linear Technology

Back Button BZX100A Datasheet HTML 10Page - Linear Technology BZX100A Datasheet HTML 11Page - Linear Technology BZX100A Datasheet HTML 12Page - Linear Technology BZX100A Datasheet HTML 13Page - Linear Technology BZX100A Datasheet HTML 14Page - Linear Technology BZX100A Datasheet HTML 15Page - Linear Technology BZX100A Datasheet HTML 16Page - Linear Technology BZX100A Datasheet HTML 17Page - Linear Technology BZX100A Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT8300
14
8300f
applicaTions inForMaTion
A snubber circuit is recommended for most applications.
Two types of snubber circuits shown in Figure 6 that can
protect the internal power switch include the DZ (diode-
Zener)snubberandtheRC(resistor-capacitor)snubber.The
DZ snubber ensures well defined and consistent clamping
voltage and has slightly higher power efficiency, while the
RC snubber quickly damps the voltage spike ringing and
provides better load regulation and EMI performance.
Figure 5 shows the flyback waveforms with the DZ and
RC snubbers.
For the DZ snubber, proper care must be taken when
choosing both the diode and the Zener diode. Schottky
diodes are typically the best choice, but some PN diodes
can be used if they turn on fast enough to limit the leak-
age inductance spike. Choose a diode that has a reverse-
voltage rating higher than the maximum SW pin voltage.
The Zener diode breakdown voltage should be chosen to
balancepowerlossandswitchvoltageprotection.Thebest
compromise is to choose the largest voltage breakdown.
Use the following equation to make the proper choice:
VZENER(MAX) ≤ 150V – VIN(MAX)
For an application with a maximum input voltage of 72V,
choose a 68V Zener diode, the VZENER(MAX) of which is
around 72V and below the 78V maximum.
The power loss in the clamp will determine the power rat-
ing of the Zener diode. Power loss in the clamp is highest
at maximum load and minimum input voltage. The switch
current is highest at this point along with the energy stored
in the leakage inductance. A 0.5W Zener will satisfy most
applications when the highest VZENER is chosen.
Figure 5. Maximum Voltages for SW Pin Flyback Waveform
Figure 6. Snubber Circuits
8300 F05
VSW
tOFF > 350ns
VLEAKAGE
tSP < 250ns
VSW
VSW
TIME
No Snubber
with DZ Snubber
with RC Snubber
tOFF > 350ns
VLEAKAGE
tSP < 250ns
TIME
tOFF > 350ns
VLEAKAGE
tSP < 250ns
TIME
<150V
<120V
<150V
<120V
<150V
<120V
8300 F06b
8300 F06a
DZ Snubber
RC Snubber
Lℓ
Z
D
C
R
•
•
Lℓ
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com