Electronic Components Datasheet Search
  English  ▼

X  

BAV20W Datasheet(PDF) 21 Page - Linear Technology

Part # BAV20W
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

BAV20W Datasheet(HTML) 21 Page - Linear Technology

Back Button BAV20W Datasheet HTML 16Page - Linear Technology BAV20W Datasheet HTML 17Page - Linear Technology BAV20W Datasheet HTML 18Page - Linear Technology BAV20W Datasheet HTML 19Page - Linear Technology BAV20W Datasheet HTML 20Page - Linear Technology BAV20W Datasheet HTML 21Page - Linear Technology BAV20W Datasheet HTML 22Page - Linear Technology BAV20W Datasheet HTML 23Page - Linear Technology BAV20W Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT8300
21
8300f
Typical applicaTions
LT8300
T1
8:1
D1
RFB
SW
400µH
6µH
EN/UVLO
1M
2.2µF
40.2k
VIN
VIN
36V TO 72V
VOUT+
3.3V
2mA TO 440mA
VOUT–
GND
287k
T1: WÜRTH 750312367
D1: NXP PMEG2020EH
•
•
100µF
8300 TA05
24V Micropower Isolated Flyback Converter
3.3V Micropower Isolated Flyback Converter
LT8300
T1
1:1
D1
RFB
SW
300µH
300µH
EN/UVLO
1M
2.2µF
40.2k
VIN
VIN
36V TO 72V
VOUT+
24V
0.3mA TO 60mA
VOUT–
GND
243k
T1: WÜRTH 750311559
D1: DIODES DFLS 1200-7
•
•
4.7µF
8300 TA04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com