Electronic Components Datasheet Search
  English  ▼

X  

LT3512 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3512
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3512 Datasheet(HTML) 2 Page - Linear Technology

  LT3512 Datasheet HTML 1Page - Linear Technology LT3512 Datasheet HTML 2Page - Linear Technology LT3512 Datasheet HTML 3Page - Linear Technology LT3512 Datasheet HTML 4Page - Linear Technology LT3512 Datasheet HTML 5Page - Linear Technology LT3512 Datasheet HTML 6Page - Linear Technology LT3512 Datasheet HTML 7Page - Linear Technology LT3512 Datasheet HTML 8Page - Linear Technology LT3512 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8300
2
8300f
pin conFiguraTion
absoluTe MaxiMuM raTings
SW (Note 2) ........................................................... 150V
VIN ......................................................................... 100V
EN/UVLO................................................................... VIN
RFB...................................................... VIN – 0.5V to VIN
Current into RFB................................................... 200µA
Operating Junction Temperature Range (Notes 3, 4)
LT8300E, LT8300I ............................. –40°C to 125°C
LT8300H............................................ –40°C to 150°C
LT8300MP......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
EN/UVLO 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
RFB 3
5 VIN
4 SW
TJMAX = 150°C, θJA = 150°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8300ES5#PBF
LT8300ES5#TRPBF
LTGFF
5-Lead Plastic TSOT-23
–40°C to 125°C
LT8300IS5#PBF
LT8300IS5#TRPBF
LTGFF
5-Lead Plastic TSOT-23
–40°C to 125°C
LT8300HS5#PBF
LT8300HS5#TRPBF
LTGFF
5-Lead Plastic TSOT-23
–40°C to 150°C
LT8300MPS5#PBF
LT8300MPS5#TRPBF
LTGFF
5-Lead Plastic TSOT-23
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com