Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3748
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 4 Page - Linear Technology

  LT3748 Datasheet HTML 1Page - Linear Technology LT3748 Datasheet HTML 2Page - Linear Technology LT3748 Datasheet HTML 3Page - Linear Technology LT3748 Datasheet HTML 4Page - Linear Technology LT3748 Datasheet HTML 5Page - Linear Technology LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8300
4
8300f
Typical perForMance characTerisTics
Boundary Mode Waveforms
Discontinuous Mode Waveforms
Burst Mode Waveforms
VIN Shutdown Current
VIN Quiescent Current,
Sleep Mode
VIN Quiescent Current,
Active Mode
Output Load and Line Regulation
Output Temperature Variation
Switching Frequency
vs Load Current
TA = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
5.20
4.85
5.15
4.90
5.00
5.05
5.10
4.95
4.80
8300 G01
300
250
200
150
100
50
0
VIN = 36V
VIN = 48V
VIN = 72V
FRONT PAGE APPLICATION
AMBIENT TEMPERATURE (°C)
5.5
4.6
5.4
4.7
5.0
5.1
5.2
5.3
4.8
4.9
4.5
8300 G02
150
75
50
125
100
25
0
–25
–50
FRONT PAGE APPLICATION
VIN = 48V, IOUT = 200mA
LOAD CURRENT (mA)
500
100
200
400
300
0
8300 G03
300
250
200
150
100
50
0
FRONT PAGE APPLICATION
VIN = 48V
2µs/DIV
FRONT PAGE APPLICATION
VIN = 48V, IOUT = 300mA
ILPRI
100mA/DIV
VSW
50V/DIV
VOUT
50mV/DIV
8300 G04
2µs/DIV
FRONT PAGE APPLICATION
VIN = 48V, IOUT = 60mA
ILPRI
100mA/DIV
VSW
50V/DIV
VOUT
50mV/DIV
8300 G05
20µs/DIV
FRONT PAGE APPLICATION
VIN = 48V, IOUT = 1mA
ILPRI
100mA/DIV
VSW
50V/DIV
VOUT
50mV/DIV
8300 G06
VIN (V)
10
2
4
8
6
0
8300 G07
100
80
60
40
20
0
TJ = –55°C
TJ = 150°C
TJ = 25°C
VIN (V)
100
50
60
80
90
70
40
8300 G08
100
80
60
40
20
0
TJ = 25°C
TJ = –55°C
TJ = 150°C
VIN (V)
380
300
320
360
340
280
8300 G09
100
80
60
40
20
0
TJ = 25°C
TJ = –55°C
TJ = 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com