Electronic Components Datasheet Search
  English  ▼

X  

LT3573 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3573
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3573 Datasheet(HTML) 3 Page - Linear Technology

  LT3573 Datasheet HTML 1Page - Linear Technology LT3573 Datasheet HTML 2Page - Linear Technology LT3573 Datasheet HTML 3Page - Linear Technology LT3573 Datasheet HTML 4Page - Linear Technology LT3573 Datasheet HTML 5Page - Linear Technology LT3573 Datasheet HTML 6Page - Linear Technology LT3573 Datasheet HTML 7Page - Linear Technology LT3573 Datasheet HTML 8Page - Linear Technology LT3573 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8300
3
8300f
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The SW pin is rated to 150V for transients. Depending on the
leakage inductance voltage spike, operating waveforms of the SW pin
should be derated to keep the flyback voltage spike below 150V as shown
in Figure 5.
Note 3: The LT8300E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, VEN/UVLO = VIN unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
6
100
V
VIN UVLO Threshold
Rising
Falling
5.8
3.2
6
V
V
IQ
VIN Quiescent Current
VEN/UVLO = 0.3V
VEN/UVLO = 1.1V
Sleep Mode (Switch Off)
Active Mode (Switch On)
1.2
200
70
330
2
µA
µA
µA
µA
EN/UVLO Shutdown Threshold
For Lowest Off IQ
l
0.3
0.75
V
EN/UVLO Enable Threshold
Falling
Hysteresis
l
1.199
1.223
0.016
1.270
V
V
IHYS
EN/UVLO Hysteresis Current
VEN/UVLO = 0.3V
VEN/UVLO = 1.1V
VEN/UVLO = 1.3V
–0.1
2.2
–0.1
0
2.5
0
0.1
2.8
0.1
µA
µA
µA
fMAX
Maximum Switching Frequency
720
750
780
kHz
fMIN
Minimum Switching Frequency
6
7.5
9
kHz
tON(MIN)
Minimum Switch-On Time
160
ns
tOFF(MIN)
Minimum Switch-Off Time
350
ns
tOFF(MAX)
Maximum Switch-Off Time
Backup Timer
200
µs
ISW(MAX)
Maximum SW Current Limit
l
228
260
292
mA
ISW(MIN)
Minimum SW Current Limit
l
34
52
70
mA
SW Over Current Limit
To Initiate Soft-Start
520
mA
RDS(ON)
Switch On-Resistance
ISW = 100mA
10
Ω
ILKG
Switch Leakage Current
VIN = 100V, VSW = 150V
0.1
0.5
µA
IRFB
RFB Regulation Current
l
98
100
102
µA
RFB Regulation Current Line Regulation
6V ≤ VIN ≤ 100V
0.001
0.01
%/V
tSS
Soft-Start Timer
2.7
ms
The LT8300I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT8300H is guaranteed over the full –40°C to
150°C operating junction temperature range. The LT8300MP is guaranteed
over the full –55°C to 150°C operating junction temperature range. High
junction temperatures degrade operating lifetimes. Operating lifetime is
derated at junction temperature greater than 125°C.
Note 4: The LT8300 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com