Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3758
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 5 Page - Linear Technology

  LT3758 Datasheet HTML 1Page - Linear Technology LT3758 Datasheet HTML 2Page - Linear Technology LT3758 Datasheet HTML 3Page - Linear Technology LT3758 Datasheet HTML 4Page - Linear Technology LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT8300
5
8300f
Typical perForMance characTerisTics
RDS(ON)
Switch Current Limit
Maximum Switching Frequency
Minimum Switching Frequency
Minimum Switch-On Time
Minimum Switch-Off Time
EN/UVLO Enable Threshold
EN/UVLO Hysteresis Current
RFB Regulation Current
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
1.240
1.205
1.210
1.225
1.230
1.235
1.215
1.220
1.200
8300 G10
150
75
50
125
100
25
0
–25
–50
TEMPERATURE (°C)
5
1
2
3
4
0
8300 G11
150
75
50
125
100
25
0
–25
–50
TEMPERATURE (°C)
105
101
102
103
104
100
96
97
98
99
95
8300 G12
150
75
50
125
100
25
0
–25
–50
TEMPERATURE (°C)
25
5
10
15
20
0
8300 G13
150
75
50
125
100
25
0
–25
–50
TEMPERATURE (°C)
300
50
100
150
200
250
0
8300 G14
150
75
50
125
100
25
0
–25
–50
MAXIMUM CURRENT LIMIT
MINIMUM CURRENT LIMIT
TEMPERATURE (°C)
1000
200
400
600
800
0
8300 G15
150
75
50
125
100
25
0
–25
–50
TEMPERATURE (°C)
20
4
8
12
16
0
8300 G16
150
75
50
125
100
25
0
–25
–50
TEMPERATURE (°C)
400
100
200
300
0
8300 G17
150
75
50
125
100
25
0
–25
–50
TEMPERATURE (°C)
400
100
200
300
0
8300 G18
150
75
50
125
100
25
0
–25
–50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com