Electronic Components Datasheet Search
  English  ▼

X  

LT3958 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3958
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3958 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3958 Datasheet HTML 15Page - Linear Technology LT3958 Datasheet HTML 16Page - Linear Technology LT3958 Datasheet HTML 17Page - Linear Technology LT3958 Datasheet HTML 18Page - Linear Technology LT3958 Datasheet HTML 19Page - Linear Technology LT3958 Datasheet HTML 20Page - Linear Technology LT3958 Datasheet HTML 21Page - Linear Technology LT3958 Datasheet HTML 22Page - Linear Technology LT3958 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8300
19
8300f
applicaTions inForMaTion
Step 7: Select the EN/UVLO Resistors.
Determinetheamountofhysteresisrequiredandcalculate
R1 resistor value:
VIN(HYS) = 2.5µA • R1
Example:
Choose 2.5V of hysteresis,
R1 = 1M
Determine the UVLO thresholds and calculate R2 resistor
value:
VIN(UVLO+) =
1.239V •(R1
+R2)
R2
+ 2.5µA •R1
Example:
Set VIN UVLO rising threshold to 34.5V,
R2 = 40.2k
VIN(UVLO+) = 34.1V
VIN(UVLO–) = 31.6V
Step 8: Ensure minimum load.
The theoretical minimum load can be approximately
estimated as:
ILOAD(MIN) =
300µH •(52mA)2 • 7.5kHz
2 • 12V
= 0.25mA
Remember to check the minimum load requirement in real
application. The minimum load occurs at the point where
the output voltage begins to climb up as the converter
delivers more energy than what is consumed at the out-
put. The real minimum load for this application is about
0.6mA, 0.5% of 120mA maximum load. In this example,
a 20k resistor is selected as the minimum load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com