Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4270
Description  Quad PoE/PoE/LTPoE PSE Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4270 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4270 Datasheet HTML 2Page - Linear Technology LTC4270 Datasheet HTML 3Page - Linear Technology LTC4270 Datasheet HTML 4Page - Linear Technology LTC4270 Datasheet HTML 5Page - Linear Technology LTC4270 Datasheet HTML 6Page - Linear Technology LTC4270 Datasheet HTML 7Page - Linear Technology LTC4270 Datasheet HTML 8Page - Linear Technology LTC4270 Datasheet HTML 9Page - Linear Technology LTC4270 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC4266A/LTC4266C
6
4266acfc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Timing
Clock Frequency
(Note 7)
l
1
MHz
t1
Bus Free Time
Figure 5 (Notes 7, 9)
l
480
ns
t2
Start Hold Time
Figure 5 (Notes 7, 9)
l
240
ns
t3
SCL Low Time
Figure 5 (Notes 7, 9)
l
480
ns
t4
SCL High Time
Figure 5 (Notes 7, 9)
l
240
ns
t5
Data Hold Time
Figure 5 (Notes 7, 9) Data into Chip
Data Out of Chip
l
l
60
120
ns
ns
t6
Data Set-Up Time
Figure 5 (Notes 7, 9)
l
80
ns
t7
Start Set-Up Time
Figure 5 (Notes 7, 9)
l
240
ns
t8
Stop Set-Up Time
Figure 5 (Notes 7, 9)
l
240
ns
tr
SCL, SDAIN Rise Time
Figure 5 (Notes 7, 9)
l
120
ns
tf
SCL, SDAIN Fall Time
Figure 5 (Notes 7, 9)
l
60
ns
Fault Present to INT Pin Low
(Notes 7, 9, 10)
l
150
ns
Stop Condition to INT Pin Low
(Notes 7, 9, 10)
l
1.5
μs
ARA to INT Pin High Time
(Notes 7, 9)
l
1.5
μs
SCL Fall to ACK Low
(Notes 7, 9)
l
120
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 140°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: All currents into device pins are positive; all currents out of device
pins are negative.
Note 4: The LTC4266A/LTC4266C operates with a negative supply voltage
(with respect to ground). To avoid confusion, voltages in this data sheet
are referred to in terms of absolute magnitude.
Note 5: tDIS is the same as tMPDO defined by IEEE 802.3at.
Note 6: The LTC4266A/LTC4266C digital interface operates with respect to
DGND. All logic levels are measured with respect to DGND.
Note 7: Guaranteed by design, not subject to test.
Note 8: The IEEE 802.3af specification allows a PD to present its
Maintain Power Signature (MPS) on an intermittent basis without being
disconnected. In order to stay powered, the PD must present the MPS for
tMPS within any tMPDO time window.
Note 9: Values measured at VILD(MAX) and VIHD(MIN).
Note 10: If fault condition occurs during an I2C transaction, the INT pin
will not be pulled down until a stop condition is present on the I2C bus.
Note 11: Load Characteristic of the LTC4266A/LTC4266C during Mark:
7V < (AGND – VOUTn) < 10V or IOUT < 50μA
Note 12: See the LTC4266A/LTC4266C Software Programming
documentation for information on serial bus usage and device
configuration and status registers.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND – VEE = 54V, AGND = DGND, and VDD – DGND = 3.3V unless
otherwise noted. (Notes 3, 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com