Electronic Components Datasheet Search
  English  ▼

X  

FR408 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # FR408
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FR408 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  FR408 Datasheet HTML 1Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 2Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 3Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 4Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 5Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 6Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 7Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 8Page - Freescale Semiconductor, Inc FR408 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MMA25312BT1
5
RF Device Data
Freescale Semiconductor, Inc.
Figure 5. MMA25312BT1 Test Circuit Schematic — 2500 MHz, 3.3 Volt Operation
C5
RF
INPUT
R1
45
6
3
2
1
12
11
10
7
8
9
C9
RF
OUTPUT
BIAS
CIRCUIT
PDET
L2
VCC1
C2
VBIAS
C1
R2
Z1
0.140″ x 0.030″ Microstrip
Z2
0.073″ x 0.030″ Microstrip
C8
DETECTOR
L3
C14
VCC2
Z1
C13
C11
Z2
C7
Table 8. MMA25312BT1 Test Circuit Component Designations and Values — 2500 MHz, 3.3 Volt Operation
Part
Description
Part Number
Manufacturer
C1, C2
1 μF Chip Capacitors
GRM155R61A105KE15
Murata
C3, C4, C6, C10, C12, C15
Components Not Placed
C5, C9
100 pF Chip Capacitors
GRM1555C1H101JA01
Murata
C7
8.2 pF Chip Capacitor
04023J8R2BBS
AVX
C8, C13
22 pF Chip Capacitors
04023J22R0BBS
AVX
C11
1.5 pF Chip Capacitor
04023J1R5BBS
AVX
C14
4.7 μF Chip Capacitor
GRM188R60J475KE19D
Murata
L2
1.2 nH Chip Inductor
LL1608-FH1N2S
TOKO
L3
22 nH Chip Inductor
LL1608-FH22N0S
TOKO
R1
100 Ω, 1/16 W Chip Resistor
RC0402JR-07100RL
Yageo
R2
470 Ω, 1/16 W Chip Resistor
RC0402JR-07470RL
Yageo
R3
Component Not Placed
PCB
0.014″, εr =3.7
FR408
Isola
Note: Component numbers C3, C4, C6, C10, C12, C15 and R3 are labeled on board but not placed.
Note: Component L1 intentionally omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com