Electronic Components Datasheet Search
  English  ▼

X  

SL74HCT373 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL74HCT373
Description  Octal 3-State Noninverting Transparent Latch(High-Performance Silicon-Gate CMOS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74HCT373 Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL74HCT373 Datasheet HTML 1Page - System Logic Semiconductor SL74HCT373 Datasheet HTML 2Page - System Logic Semiconductor SL74HCT373 Datasheet HTML 3Page - System Logic Semiconductor SL74HCT373 Datasheet HTML 4Page - System Logic Semiconductor SL74HCT373 Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL74HCT373
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(V
CC =5.0 V
± 10%, C
L=50pF,Input t r=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input D to Q
(Figures 1 and 5)
28
35
42
ns
tPLH, tPHL
Maximum Propagation Delay , Latch Enable to Q
(Figures 2 and 5)
32
40
48
ns
tPLZ, tPHZ
Maximum Propagation Delay ,Output Enable to Q
(Figures 3 and 6)
30
38
45
ns
tPZL, tPZH
Maximum Propagation Delay , Output Enable to Q
(Figures 3 and 6)
35
44
53
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 5)
12
15
18
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum Three-State Output Capacitance
(Output in High-Impedance State)
15
15
15
pF
Power Dissipation Capacitance (Per Latch)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
65
pF
TIMING REQUIREMENTS (V
CC =5.0 V
± 10%, C
L=50pF,Input t r=tf=6.0 ns)
Guaranteed Limit
Symbol
Parameter
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tSU
Minimum Setup Time, Input D
to Latch Enable
(Figure 4)
10
13
15
ns
th
Minimum Hold Time,Latch
Enable to Input D
(Figure 4)
10
13
15
ns
tw
Minimum Pulse Width, Latch
Enable (Figure 2)
12
15
18
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
500
500
500
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com